Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8CBE9 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CBE9
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CBE9 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button COP8CBE9 Datasheet HTML 15Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 16Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 17Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 18Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 19Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 20Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 21Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 22Page - National Semiconductor (TI) COP8CBE9 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
4.0 Functional Description (Continued)
In Case 1, V
CC rises from 0V and the on-chip RESET is
undefined until the supply is greater than approximately
1.0V. At this time the brownout circuit becomes active and
holds the device in RESET. As the supply passes a level of
about 1.8V, a delay of about 3 ms (t
d) is started and the Idle
Timer is preset to a value between 00F0 and 00FF (hex).
Once V
CC is greater than Vbor and td has expired, the Idle
Timer is allowed to count down (t
id).
Case 2 shows a subsequent dip in the supply voltage which
goes below the approximate 1.8V level. As V
CC drops below
V
bor, the internal RESET signal is asserted. When VCC rises
back above the 1.8V level, t
d is started. Since the power
supply rise time is longer for this case, t
d has expired before
V
CC rises above Vbor and tid starts immediately when VCC is
greater than V
bor.
Case 3 shows a dip in the supply where V
CC drops below
V
bor, but not below 1.8V. On-chip RESET is asserted when
V
CC goes below Vbor and tid starts as soon as the supply
goes back above V
bor.
If the Brownout Reset feature is enabled, the internal reset
will not be turned off until the Idle Timer underflows. The
internal reset will perform the same functions as external
reset. The device is guaranteed to operate at the specified
frequency down to the specified brownout voltage. After the
underflow, the logic is designed such that no additional
internal resets occur as long as V
CC remains above the
brownout voltage.
The device is relatively immune to short duration negative-
going V
CC transients (glitches). It is essential that good
filtering of V
CC be done to ensure that the brownout feature
works correctly. Power supply decoupling is vital even in
battery powered systems.
There are two optional brownout voltages. The part numbers
for the three versions of this device are:
COP8CBE, V
bor = low voltage range
COP8CCE, V
bor = high voltage range
COP8CDE, BOR is disabled.
Refer to the device specifications for the actual V
bor volt-
ages.
High brownout voltage devices are guaranteed to operate at
10MHz down to the high brownout voltage. Low brownout
voltage devices are guaranteed to operate at 3.33MHz down
to the low brownout voltage. Low brownout voltage de-
vices are not guaranteed to operate at 10MHz down to
the low brownout voltage.
Under no circumstances should the RESET pin be allowed
to float. If the on-chip Brownout Reset feature is being used,
the RESET pin should be connected directly to V
CC. The
RESET input may also be connected to an external pull-up
resistor or to other external circuitry. The output of the brown-
out reset detector will always preset the Idle Timer to a value
between 00F0 and 00FF (240 to 256 t
C). At this time, the
internal reset will be generated.
If the BOR feature is disabled, then no internal resets are
generated and the Idle Timer will power-up with an unknown
value. In this case, the external RESET must be used. When
BOR is disabled, this on-chip circuitry is disabled and draws
no DC current.
The contents of data registers and RAM are unknown fol-
lowing the on-chip reset.
4.8 OSCILLATOR CIRCUITS
The device has two crystal oscillators to facilitate low power
operation while maintaining throughput when required. Fur-
ther information on the use of the two oscillators is found in
Section 7.0 Power Saving Features. The low speed oscillator
utilizes the L0 and L1 port pins. References in the following
text to CKI will also apply to L0 and references to G7/CKO
will also apply to L1.
4.8.1 Oscillator
CKI is the clock input while G7/CKO is the clock generator
output to the crystal. An on-chip bias resistor connected
between CKI and CKO is provided to reduce system part
count. The value of the resistor is in the range of 0.5M to 2M
(typically 1.0M).
Table 3 shows the component values re-
quired for various standard crystal values. Resistor R2 is
on-chip, for the high speed oscillator, and is shown for
reference.
Figure 12 shows the crystal oscillator connection
diagram. A ceramic resonator of the required frequency may
be used in place of a crystal if the accuracy requirements are
not quite as strict.
20022514
FIGURE 11. Reset Circuit Using Power-On Reset
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com