Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7100 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MAC7100
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MAC7100 Datasheet HTML 9Page - Motorola, Inc MAC7100 Datasheet HTML 10Page - Motorola, Inc MAC7100 Datasheet HTML 11Page - Motorola, Inc MAC7100 Datasheet HTML 12Page - Motorola, Inc MAC7100 Datasheet HTML 13Page - Motorola, Inc MAC7100 Datasheet HTML 14Page - Motorola, Inc MAC7100 Datasheet HTML 15Page - Motorola, Inc MAC7100 Datasheet HTML 16Page - Motorola, Inc MAC7100 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
MOTOROLA
MAC7100 Microcontroller Family Hardware Specifications
13
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Table 16. 3.3 V I/O Characteristics
Conditions shown in Table 6, with VDDX = 3.3 V ±10% and a temperature maximum of +140°C unless otherwise noted.
Num C
Rating
Symbol
Min
Typ
Max
Unit
G1a P Input High Voltage
V
IH
0.65
×
VDD5
——
V
G1b T Input High Voltage
VIH
——
VDD5 +
0.3
V
G2a P Input Low Voltage
V
IL
—
—
0.35
×
VDD5
V
G2b T Input Low Voltage
VIL
VSS5 –
0.3
——
V
G3
C Input Hysteresis
V
HYS
—250
—
mV
G4
P Input Leakage Current (pins in high impedance input mode) 1
V
in
= V
DD
5 or V
SS
5
1 Maximum leakage current occurs at maximum operating temperature. Current decreases by approximately one-half
for each 8°C to 12°C in the temperature range from 50°C to 125°C.
I
in
TBD
—
TBD
µA
G5
P Output High Voltage (pins in output mode)
Partial Drive IOH = –0.75mA
Full Drive IOH = –4.5mA
V
OH
VDD5 –
0.4
——
V
G6
P Output Low Voltage (pins in output mode)
Partial Drive IOL = +0.9mA
Full Drive IOL = +5.5mA
V
OL
——
0.4
V
G7
P Internal Pull Up Device Current,
tested at V
IL
Max.
IPUL
—
—
–60
µA
G8
P Internal Pull Up Device Current,
tested at V
IH
Min.
IPUH
–6
—
—
µA
G9
P Internal Pull Down Device Current,
tested at V
IH
Min.
IPDH
——
60
µA
G10 P Internal Pull Down Device Current,
tested at V
IL
Max.
IPDL
6—
—
µA
G11 D Input Capacitance
Cin
—6—
pF
G12 T Injection current 2
Single Pin limit
Total Device Limit. Sum of all injected currents
2 Refer to Section 3.6.1, “Current Injection,” for more details
IICS
IICP
–2.5
–25
—
2.5
25
µA
G13 P Port Interrupt Input Pulse filtered 3
3 Parameter only applies in STOP or Pseudo STOP mode.
tPULSE
——
3
µs
G14 P Port Interrupt Input Pulse passed 3
tPULSE
10
—
—
µs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com