Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E2C5 Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # S6E2C5
Description  32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2C5 Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button S6E2C5 Datasheet HTML 69Page - Cypress Semiconductor S6E2C5 Datasheet HTML 70Page - Cypress Semiconductor S6E2C5 Datasheet HTML 71Page - Cypress Semiconductor S6E2C5 Datasheet HTML 72Page - Cypress Semiconductor S6E2C5 Datasheet HTML 73Page - Cypress Semiconductor S6E2C5 Datasheet HTML 74Page - Cypress Semiconductor S6E2C5 Datasheet HTML 75Page - Cypress Semiconductor S6E2C5 Datasheet HTML 76Page - Cypress Semiconductor S6E2C5 Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 200 page
background image
Document Number: 002-04984 Rev.*A
Page 73 of 200
S6E2C5 Series
Latch-Up
Semiconductor devices are constructed by the formation of p-type and n-type areas on a substrate. When subjected to
abnormally high voltages, internal parasitic pnpn junctions (called thyristor structures) may be formed, causing large current levels
in excess of several hundred milliamps to flow continuously at the power supply pin. This condition is called latch-up.
CAUTION: The occurrence of latch-up not only causes loss of reliability in the semiconductor device, but can cause injury or
damage from high heat, smoke or flame. To prevent this from happening, do the following:
1. Be sure that voltages applied to pins do not exceed the absolute maximum ratings. This should include attention to abnormal
noise, surge levels, etc.
2. Be sure that abnormal current flows do not occur during the power-on sequence.
Observance of Safety Regulations and Standards
Most countries in the world have established standards and regulations regarding safety, protection from electromagnetic
interference, etc. Customers are requested to observe applicable regulations and standards in the design of products.
Fail-Safe Design
As previously mentioned, all semiconductor devices have inherent rates of failure. You must protect against injury, damage or loss
from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection,
and prevention of over-current levels and other abnormal operating conditions.
Precautions Related to Usage of Devices
Cypress semiconductor devices are intended for use in standard applications (computers, office automation and other office
equipment, industrial, communications, and measurement equipment, personal or household devices, etc.).
CAUTION: Customers considering the use of our products in special applications where failure or abnormal operation may directly
affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such
as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support,
etc.) are requested to consult with sales representatives before such use. The company will not be responsible for damages
arising from such use without prior approval.
6.2
Precautions for Package Mounting
Package mounting may be either lead insertion type or surface mount type. In either case, for heat resistance during soldering,
you should only mount under Cypress's recommended conditions. For detailed information about mount conditions, contact your
sales representative.
Lead Insertion Type
Mounting of lead insertion type packages onto printed circuit boards may be done by two methods: direct soldering on the board,
or mounting by using a socket.
Direct mounting onto boards normally involves processes for inserting leads into through-holes on the board and using the flow
soldering (wave soldering) method of applying liquid solder. In this case, the soldering process usually causes leads to be
subjected to thermal stress in excess of the absolute ratings for storage temperature. Mounting processes should conform to
Cypress recommended mounting conditions.
If socket mounting is used, differences in surface treatment of the socket contacts and IC lead surfaces can lead to contact
deterioration after long periods. For this reason it is recommended that the surface treatment of socket contacts and IC leads be
verified before mounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com