Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6E2C5 Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # S6E2C5
Description  32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2C5 Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button S6E2C5 Datasheet HTML 82Page - Cypress Semiconductor S6E2C5 Datasheet HTML 83Page - Cypress Semiconductor S6E2C5 Datasheet HTML 84Page - Cypress Semiconductor S6E2C5 Datasheet HTML 85Page - Cypress Semiconductor S6E2C5 Datasheet HTML 86Page - Cypress Semiconductor S6E2C5 Datasheet HTML 87Page - Cypress Semiconductor S6E2C5 Datasheet HTML 88Page - Cypress Semiconductor S6E2C5 Datasheet HTML 89Page - Cypress Semiconductor S6E2C5 Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 200 page
background image
Document Number: 002-04984 Rev.*A
Page 86 of 200
S6E2C5 Series
11. Pin Status in Each CPU State
The terms used for pin status have the following meanings:
INITX = 0
This is the period when the INITX pin is at the L level.
INITX = 1
This is the period when the INITX pin is at the H level.
SPL = 0
This is the status that the standby pin level setting bit (SPL) in the standby mode control register
(STB_CTL) is set to 0.
SPL = 1
This is the status that the standby pin level setting bit (SPL) in the standby mode control register
(STB_CTL) is set to 1.
Input enabled
Indicates that the input function can be used.
Internal input fixed at 0
This is the status that the input function cannot be used. Internal input is fixed at L.
Hi-Z
Indicates that the pin drive transistor is disabled and the pin is put in the Hi-Z state.
Setting disabled
Indicates that the setting is disabled.
Maintain previous state
Maintains the state that was immediately prior to entering the current mode.
If a built-in peripheral function is operating, the output follows the peripheral function.
If the pin is being used as a port, that output is maintained.
Analog input is enabled
Indicates that the analog input is enabled.
Trace output
Indicates that the trace function can be used.
GPIO selected
In Deep standby mode, pins switch to the general-purpose I/O port.
Setting prohibition
Prohibition of a setting by specification limitation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com