Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7101MVF Datasheet(PDF) 16 Page - Motorola, Inc

Part # MAC7101MVF
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101MVF Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MAC7101MVF Datasheet HTML 12Page - Motorola, Inc MAC7101MVF Datasheet HTML 13Page - Motorola, Inc MAC7101MVF Datasheet HTML 14Page - Motorola, Inc MAC7101MVF Datasheet HTML 15Page - Motorola, Inc MAC7101MVF Datasheet HTML 16Page - Motorola, Inc MAC7101MVF Datasheet HTML 17Page - Motorola, Inc MAC7101MVF Datasheet HTML 18Page - Motorola, Inc MAC7101MVF Datasheet HTML 19Page - Motorola, Inc MAC7101MVF Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.8.2.1
Jitter Information
The basic functionality of the PLL is shown in Figure 3. With each transition of the clock fcmp, the deviation
from the reference clock fref is measured and input voltage to the VCO is adjusted accordingly. The adjustment
is done continuously with no abrupt changes in the clock output frequency. Noise, voltage, temperature and
other factors cause slight variations in the control loop resulting in a clock jitter. This jitter affects the real
minimum and maximum clock periods as illustrated in Figure 4. It is important to note that the pre-scaler used
by timers and serial modules will eliminate the effect of PLL jitter to a large extent.
Figure 4. Jitter Definitions
The relative deviation of tNOM is at its maximum for one clock period, and decreases towards zero for larger
number of clock periods (N). Thus, jitter is defined as:
For N
< 100, the following equation is a good fit for the maximum jitter:
Figure 5. Maximum Bus Clock Jitter Approximation
0
tMIN1
12
3
N–1
N
tNOM
tMAX1
tMIN(N)
tMAX(N)
JN
()
max 1
tMAX N
()
NtNOM
⋅
---------------------
–1
tMIN N
()
NtNOM
⋅
---------------------
–
,


=
JN
()
j1
N
-------- j2
+
=
01
5
10
20
15
N
J(N)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com