Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87416 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 28Page - National Semiconductor (TI) PC87416 Datasheet HTML 29Page - National Semiconductor (TI) PC87416 Datasheet HTML 30Page - National Semiconductor (TI) PC87416 Datasheet HTML 31Page - National Semiconductor (TI) PC87416 Datasheet HTML 32Page - National Semiconductor (TI) PC87416 Datasheet HTML 33Page - National Semiconductor (TI) PC87416 Datasheet HTML 34Page - National Semiconductor (TI) PC87416 Datasheet HTML 35Page - National Semiconductor (TI) PC87416 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 257 page
background image
www.national.com
32
Revision 1.2
2.0
Power, Reset and Clocks
2.1
POWER
2.1.1
Power Planes
The PC8741x devices have three power planes (wells), as shown in the table below:
Table 4. Power Planes
For correct operation, either VSB or VBAT must be applied whenever VDD is applied.
2.1.2
Power States
The PC8741x devices have four power states:
• Battery Fail - the Main, Standby and Backup power planes are all powered off (V
DD, VSB and VBAT are inactive).
• Power Fail - the Main and Standby power planes are powered off; the Backup power plane is on (V
DD and VSB are
inactive; VBAT is active).
• Power Off - the Main power plane is powered off; the Standby power plane is on; the Backup power plane is on (V
DD
is inactive; VSB is active; VBAT is irrelevant).
• Power On - the Main and Standby power planes are powered on; the Backup power plane may is on (V
DD and VSB
are active; VBAT is irrelevant).
The following power state is illegal:
• The Main power plane is powered on, the Standby power plane is off and the Backup power plane is on or off (i.e., V
DD
is active, VSB is inactive and VBAT is irrelevant).
The following table summarizes the power states described above.
Power Plane
Description
Power Pins
Ground Pins
Main
Powers the Legacy modules (Serial Ports, Parallel Port,
FDC, KBC), the LPC Interface, part of the Configuration
Control and some external signals1
1. See the tables in Section 1.4 (pages 23-30), specifically the Power Well column.
VDD
VSS
Standby
Powers the ACCESS.bus and X-Bus Interfaces, the GPIO
ports, the Clock Generator, part of the SWC, part of the
Configuration Control and some external related signals1
VSB
VSS
Backup
Powers the RTC, the 32.768 KHz clock/crystal oscillator,
part of the SWC and some functions that must be
preserved at all times1
VPP
2
2. VPP is an internal power signal derived from VSB or VBAT.VPP is taken from VSB if it is greater than
the minimum value defined in Section 11.1.5; otherwise it is taken from VBAT. For more
details on switching between them, refer to Section 8.2.9.
VSS
Table 5. Power States and Related Power Planes
Power State
Main (VDD)
Standby (VSB)
Backup (VPP)VBAT
Battery Fail
Off
Off
Off
Off
Power Fail
Off
Off
On
On
Power Off
Off
On
On
On or Off
Power On
On
On
On
On or Off
Illegal1
1. Operation is not guaranteed and register data may be corrupted.
On
Off
On or Off
On or Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com