Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87416 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87416
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87416 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button PC87416 Datasheet HTML 81Page - National Semiconductor (TI) PC87416 Datasheet HTML 82Page - National Semiconductor (TI) PC87416 Datasheet HTML 83Page - National Semiconductor (TI) PC87416 Datasheet HTML 84Page - National Semiconductor (TI) PC87416 Datasheet HTML 85Page - National Semiconductor (TI) PC87416 Datasheet HTML 86Page - National Semiconductor (TI) PC87416 Datasheet HTML 87Page - National Semiconductor (TI) PC87416 Datasheet HTML 88Page - National Semiconductor (TI) PC87416 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 257 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.2
85
www.national.com
3.15.13 X-Bus Memory Base Address High Byte Register (XMEMBAH)
This register describes the high byte for the user-defined memory zones mapped to the X-Bus (decoded as bits 31 to 24 of
the 32-bit address range; bits 15-0 are 0). This register is reset by hardware to 00h.
Power Well:VSB
Location:Index F9h
Type:
R/W or RO
3.15.14 X-Bus Memory Base Address Low Byte Register (XMEMBAL)
This register describes the low byte for the user-defined memory zones mapped to the X-Bus (decoded as bits 23 to 16 of
the 32-bit address range; bits 15 to 0 are 0). This register is reset by hardware to 00h.
Power Well:VSB
Location:Index FAh
Type:
R/W or RO
Bit
76543210
Name
MEMBAH
Reset
00000000
Bit
Description
7-0
MEMBAH (User-Defined Memory Zone Address High). Defines the upper eight bits of the user-defined
memory block base address. The base address must be aligned on the selected block size.
Bit
76543210
Name
MEMBAL
Reset
00000000
Bit
Description
7-0
MEMBAL (User-Defined Memory Zone Address Low). Defines the lower eight bits of the user-defined
memory block base address. The base address must be aligned on the selected block size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com