Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI9060 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 73Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 74Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 75Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 76Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 77Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 78Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 79Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 80Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 68
Version 1.02
4.4.8 (DMRR; PCI:1Ch, LOC:9Ch) Local Range Register for Direct Master to PCI
Table 4-40. (DMRR; PCI:1Ch, LOC:9Ch) Local Range Register for Direct Master to PCI
Field
Description
Read
Write
Value after Reset
15:0
Reserved (64 KB increments).
Yes
No
0
31:16
Specifies which local address bits to use for decoding a local to PCI bus access.
Each of the bits corresponds to a PCI address bit. Bit 31 corresponds to Address bit
31. Write a value of 1 to all bits that must be included in decode and a 0 to all
others. This range register is used for Direct Master memory, I/O, or configuration
accesses.
Yes
Yes
0
Note:
Range (not Range register) must be power of 2. “Range register value” is the inverse of range.
4.4.9
(DMLBAM; PCI:20h, LOC:A0h) Local Bus Base Address Register for Direct Master to
PCI Memory
Table 4-41. (DMLBAM; PCI:20h, LOC:A0h) Local Bus Base Address Register for Direct Master to PCI Memory
Field
Description
Read
Write
Value after Reset
15:0
Reserved.
Yes
No
0
31:16
Assigns a value to the bits to use for decoding a local to PCI memory access.
Yes
Yes
0
Note:
Local Base Address value must be multiple of Range (not the Range register).
4.4.10
(DMLBAI; PCI:24h, LOC:A4h) Local Base Address Register for Direct Master to PCI
IO/CFG
Table 4-42. (DMLBAI; PCI:24h, LOC:A4h) Local Base Address Register for Direct Master to PCI IO/CFG
Field
Description
Read
Write
Value after Reset
15:0
Reserved.
Yes
No
0
31:16
Assigns a value to the bits to use for decoding a local to PCI I/O or configuration
access. This base address is used for Direct Master I/O and configuration
accesses.
Yes
Yes
0
Notes: Local Base Address value must be multiple of Range (not the Range register).
Refer to bit 13 of (LOC:A8h) for I/O Remap Address option (refer to Table 4-43).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com