Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI9060 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 74Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 75Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 76Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 77Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 78Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 79Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 80Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 81Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 69
Version 1.02
4.4.11 (DMPBAM; PCI:28h, LOC:A8h) PCI Base Address (Remap) Register for Direct Master to
PCI Memory
Table 4-43. (DMPBAM; PCI:28h, LOC:A8h) PCI Base Address (Remap) Register for Direct Master to PCI Memory
Field
Description
Read
Write
Value after Reset
0
Direct Master Memory Access Enable. Value of 1 enables decode of Direct Master
Memory accesses. Value of 0 disables decode of Direct Master Memory accesses.
Yes
Yes
0
1
Direct Master I/O Access Enable. Value of 1 enables decode of Direct Master I/O
accesses. Value of 0 disables decode of Direct Master I/O accesses.
Yes
Yes
0
2
LLOCK# Input Enable. Value of 1 enables LLOCK# input, enabling PCI-locked
sequences. Value of 0 disables LLOCK# input.
Yes
Yes
0
12, 3
Direct Master Read Prefetch Size control. Values:
00 = PCI 9080 continues to prefetch read data from the PCI bus until Direct Master
access is finished. This may result in an additional four unneeded Lwords being
prefetched from the PCI bus.
01 = Prefetch up to four Lwords from the PCI bus
10 = Prefetch up to eight Lwords from the PCI bus
11 = Prefetch up to 16 Lwords from the PCI bus
If PCI memory prefetch is not wanted, performs a Direct Master single cycle.
The direct master burst reads must not exceed the programmed limit.
Yes
Yes
00
4
Direct Master PCI Read Mode. Value of 0 indicates PCI 9080 should release the
PCI bus when the read FIFO becomes full. Value of 1 indicates PCI 9080 should
keep the PCI bus and de-assert IRDY when the read FIFO becomes full.
Yes
Yes
0
10, 8:5
Programmable Almost Full Flag. When the number of entries in the 32 word direct
master write FIFO exceeds this value, the output pin DMPAF# is asserted low.
Yes
Yes
000
9
Write and Invalidate Mode. When set to 1, PCI 9080 waits for 8 or 16 Lwords to be
written from the local bus before starting PCI access. When set, all local Direct
Master to PCI write accesses must be 8 or 16 Lword bursts.
Use in conjunction with (PCI:04h)(LOC:04h) (refer to Table 4-11[4] and Section
3.6.1.9.2, “Direct Master Write and Invalidate”).
Yes
Yes
0
11
Direct Master Prefetch Limit. If set to 1, don’t prefetch past 4K (4098 bytes)
boundaries.
Yes
Yes
0
13
I/O Remap Select. When set to 1, forces PCI address bits [31:16] to all zeros.
When set to 0, uses bits [31:16] of this register as PCI address bits [31:16].
Yes
Yes
0
15:14
Direct Master Write Delay. This register is used to delay the PCI bus request after
direct master burst write cycle has started. Values:
00 = No delay; start the cycle immediately
01 = Delay 4 PCI clocks
10 = Delay 8 PCI clocks
11 = Delay 16 PCI clocks
Yes
Yes
00
31:16
Remap of Local to PCI Space into a PCI Address Space. The bits in this register
remap (replace) the local address bits used in decode as the PCI address bits. This
PCI Remap address is used for Direct Master memory and I/O accesses.
Yes
Yes
0
Note:
Remap Address value must be multiple of Range (not the Range register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com