Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX2113G Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX2113G
Description  Outputs Capable of Sourcing and Sinking 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2113G Datasheet(HTML) 3 Page - IXYS Corporation

  IX2113G Datasheet HTML 1Page - IXYS Corporation IX2113G Datasheet HTML 2Page - IXYS Corporation IX2113G Datasheet HTML 3Page - IXYS Corporation IX2113G Datasheet HTML 4Page - IXYS Corporation IX2113G Datasheet HTML 5Page - IXYS Corporation IX2113G Datasheet HTML 6Page - IXYS Corporation IX2113G Datasheet HTML 7Page - IXYS Corporation IX2113G Datasheet HTML 8Page - IXYS Corporation IX2113G Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2113
R03
www.ixysic.com
3
1
Specifications
1.1 Package Pinout: 16-Pin SOIC Package
1.2 Pin Description: 16-Pin SOIC Package
1.3 Package Pinout: 14-Pin DIP Package
1.4 Pin Description: 14-Pin DIP Package
Pin#
Name
Description
1LO
Low-Side Gate Drive Output
2COM
Low-Side Return
3
VCC
Low-Side Supply
4-
No Connection
5-
No Connection
6
VS
High-Side Floating Supply Return
7
VB
High-Side Floating Supply
8HO
High-Side Gate Drive Output
9-
No Connection
10
-
No Connection
11
VDD
Logic Supply
12
HIN
Logic Input for High-Side Gate Driver
Output (HO), In-Phase
13
SD
Logic Input for Shutdown
14
LIN
Logic Input for Low-Side Gate Driver
Output (LO), In-Phase
15
VSS
Logic Ground
16
-
No Connection
LO - 1
HO - 8
COM - 2
V
CC - 3
V
S - 6
V
B - 7
4
5
16
9
15 - V
SS
14 - LIN
11 - V
DD
10
13 - SD
12 - HIN
Pin#
Name
Description
1LO
Low-Side Gate Drive Output
2COM
Low-Side Return
3
VCC
Low-Side Supply
4-
No Connection
5
VS
High-Side Floating Supply Return
6
VB
High-Side Floating Supply
7HO
High-Side Gate Drive Output
8-
No Connection
9
VDD
Logic Supply
10
HIN
Logic Input for High-Side Gate Driver
Output (HO), In-Phase
11
SD
Logic Input for Shutdown
12
LIN
Logic Input for Low-Side Gate Driver
Output (LO), In-Phase
13
VSS
Logic Ground
14
-
No Connection
LO - 1
HO - 7
COM - 2
V
CC - 3
V
S - 5
V
B - 6
4
14
8
13 - V
SS
12 - LIN
10 - HIN
9 - V
DD
11 - SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com