Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX2113G Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX2113G
Description  Outputs Capable of Sourcing and Sinking 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2113G Datasheet(HTML) 1 Page - IXYS Corporation

  IX2113G Datasheet HTML 1Page - IXYS Corporation IX2113G Datasheet HTML 2Page - IXYS Corporation IX2113G Datasheet HTML 3Page - IXYS Corporation IX2113G Datasheet HTML 4Page - IXYS Corporation IX2113G Datasheet HTML 5Page - IXYS Corporation IX2113G Datasheet HTML 6Page - IXYS Corporation IX2113G Datasheet HTML 7Page - IXYS Corporation IX2113G Datasheet HTML 8Page - IXYS Corporation IX2113G Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX2113-R03
www.ixysic.com
1
Driver Characteristics
Features
Floating Channel for Bootstrap Operation to +600V
with Absolute Maximum Rating of +700V
Outputs Capable of Sourcing and Sinking 2A
Gate Drive Supply Range From 10V to 20V
Enhanced Robustness due to SOI Process
Tolerant to Negative Voltage Transients:
dV/dt Immune
3.3V Logic Compatible
Undervoltage Lockout for Both High-side and
Low-Side Outputs
Matched Propagation Delays
Description
The IX2113 is a high voltage integrated circuit that can
drive high speed MOSFETs and IGBTs that operate at
up to +600V. The IX2113 is configured with
independent high-side and low-side referenced output
channels, both of which can source and sink 2A. The
floating high-side channel can drive an N-channel
power MOSFET or IGBT 600V from the common
reference.
Manufactured on IXYS Integrated Circuits Division's
proprietary high-voltage BCDMOS on SOI (silicon on
insulator) process, the IX2113 is extremely robust, and
is virtually immune to negative transients. The UVLO
circuit prevents the turn-on of the MOSFET or IGBT
until there is sufficient VBS or VCC supply voltage.
Propagation delays are matched for use in high
frequency applications.
The IX2113 is available in a 14-pin DIP package and
in a 16-pin SOIC package.
Ordering Information
IX2113 Functional Block Diagram
Parameter
Rating
Units
VOFFSET
600
V
IO +/- (Source/Sink)
2/2
A
VOUT
10-20
V
ton/toff
113/100
ns
Delay Matching (Max)
20
ns
Part
Description
IX2113G
14-Pin DIP (25/Tube)
IX2113B
16-Pin SOIC (50/Tube)
IX2113BTR
16-Pin SOIC (1000/Reel)
Level
Shift
V
DD / VCC
V
SS / COM
LS Delay
Control
Level
Shift
V
DD / VCC
V
SS / COM
UVLO
High
Voltage
Level
Shift
UVLO
Pulse
Generator
R
R
S
Q
Buffer
V
DD
HIN
SD
LIN
V
SS
V
B
HO
V
S
V
CC
LO
COM
Input Control Logic
&
Cycle-by-Cycle
Edge-Triggered
Shutdown
Buffer
IX2113
600V High and Low Side
Gate Driver


Similar Part No. - IX2113G

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX2120 IXYS-IX2120 Datasheet
263Kb / 13P
1200V High and Low Side
IX2120B IXYS-IX2120B Datasheet
263Kb / 13P
1200V High and Low Side
IX2120BTR IXYS-IX2120BTR Datasheet
263Kb / 13P
1200V High and Low Side
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
High-Voltage Power MOSFET & IGBT Driver
IX2127 CLARE-IX2127 Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
More results

Similar Description - IX2113G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1917 MAXIM-MAX1917 Datasheet
336Kb / 18P
Tracking, Sinking and Sourcing, Synchronous Buck Controller for DDR Memory and Termination Supplies
Rev 1; 6/02
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380 Datasheet
407Kb / 12P
Half-Bridge Gate Driver (SOURCING/SINKING : 90mA/180mA)
logo
Micrel Semiconductor
MIC4103 MICREL-MIC4103 Datasheet
597Kb / 17P
100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
logo
Intersil Corporation
ISL88550A INTERSIL-ISL88550A Datasheet
789Kb / 25P
Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
April 23, 2008
logo
Micrel Semiconductor
MIC4103 MICREL-MIC4103_10 Datasheet
718Kb / 18P
100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
logo
Omron Electronics LLC
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
G6D OMRON-G6D Datasheet
164Kb / 4P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
logo
Renesas Technology Corp
ISL88550A RENESAS-ISL88550A Datasheet
1Mb / 25P
Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
logo
Honeywell Solid State E...
103SR13A-2 HONEYWELL-103SR13A-2 Datasheet
55Kb / 3P
Current sinking or current sourcing ouput
logo
Maxim Integrated Produc...
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
Electronic load capable of 2A
Rev 0; 8/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com