Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX3120 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX3120
Description  2.5A Maximum Peak Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3120 Datasheet(HTML) 4 Page - IXYS Corporation

  IX3120 Datasheet HTML 1Page - IXYS Corporation IX3120 Datasheet HTML 2Page - IXYS Corporation IX3120 Datasheet HTML 3Page - IXYS Corporation IX3120 Datasheet HTML 4Page - IXYS Corporation IX3120 Datasheet HTML 5Page - IXYS Corporation IX3120 Datasheet HTML 6Page - IXYS Corporation IX3120 Datasheet HTML 7Page - IXYS Corporation IX3120 Datasheet HTML 8Page - IXYS Corporation IX3120 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R04
IX3120
1.4 Recommended Operating Conditions
1.5 Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified. Typical values are at TA=25°C,VCC=30V, and
VEE=Ground.
1 Maximum pulse width = 50
s, maximum duty cycle = 0.5%.
2 Maximum pulse width = 10
s, maximum duty cycle = 0.2%.
See “Test Circuits” on page 9 for more information.
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VCC - VEE
15
30
V
Input Current (ON)
IF(on)
716
mA
Input Voltage (OFF)
VF(off)
-3.6
0.8
V
Operating Temperature
TA
-40
100
°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
High Level Output Current
VO=(VCC-4V)
1
IOH
- 0.5
-1.5
-
A
VO=(VCC-15V)
2
- 2
-
-
Low Level Output Current
VO=(VEE+2.5V)
1
IOL
0.5
1.4
-
A
VO=(VEE+15V)
2
2-
-
High Level Output Voltage
IO=-100mA
VOH
VCC- 4
VCC- 3
-V
Low Level Output Voltage
IO=100mA
VOL
-0.1
0.5
V
High Level Supply Current
Output Open, IF=7 to 16mA
ICCH
-4.5
6
mA
Low Level Supply Current
Output Open, VF=- 3 to +0.8V
ICCL
-2.6
6
Threshold Input Current, Low-to-High
IO=0mA, VO>5V
IFLH
-0.7
5
mA
Threshold Input Voltage, High-to-Low
-
VFHL
0.8
-
-
V
Input Forward Voltage
IF=10mA
VF
1
1.24
1.5
V
Temperature Coefficient of Forward Voltage
IF=10mA
V
F/TA
--1.6-
mV/°C
Input Reverse Breakdown Voltage
IR=10ABVR
5-
-
V
Input Capacitance
f=1MHz, VF=0V
CIN
-60-
pF
UVLO Threshold
VO>5V, IF=10mA
VUVLO+
11
12.3
13.5
V
VUVLO-
9.5
10.7
12
UVLO Hysteresis
VO>5V, IF=10mA
UVLOHYS
-1.6
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com