Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX3120 Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX3120
Description  2.5A Maximum Peak Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX3120 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX3120 Datasheet HTML 4Page - IXYS Corporation IX3120 Datasheet HTML 5Page - IXYS Corporation IX3120 Datasheet HTML 6Page - IXYS Corporation IX3120 Datasheet HTML 7Page - IXYS Corporation IX3120 Datasheet HTML 8Page - IXYS Corporation IX3120 Datasheet HTML 9Page - IXYS Corporation IX3120 Datasheet HTML 10Page - IXYS Corporation IX3120 Datasheet HTML 11Page - IXYS Corporation IX3120 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
8
www.ixysic.com
R04
IX3120
Performance Data (Cont.)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
60
80
100
120
140
160
Propagation Delay vs. Temperature
(I
F=10mA, VCC=30V, VEE=0V, RG=10Ω)
(C
G=10nF, Duty Cycle=50%, f=10kHz)
t
PLH
t
PHL
I
F - Forward LED Current (mA)
012345
0
5
10
15
Transfer Characteristics
20
25
30
35
t
PHL
t
PLH
C
G (nF)
020
40
60
80
100
60
80
100
120
140
160
Propagation Delay vs. C
G
(I
F=10mA, VCC=30V, VEE=0V, RG=10Ω)
(Duty Cycle=50%, f=10kHz, T
A=25ºC)
t
PHL
t
PLH
I
F (mA)
6
8
10
12
14
16
60
80
100
120
140
160
Propagation Delay vs. I
F
(V
CC=30V, VEE=0V, RG=10Ω, CG=10nF)
(Duty Cycle=50%, f=10kHz, T
A=25ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com