Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1006 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1006
Description  uP Compatible, Double-Buffered D to A Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1006 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DAC1006 Datasheet HTML 1Page - National Semiconductor (TI) DAC1006 Datasheet HTML 2Page - National Semiconductor (TI) DAC1006 Datasheet HTML 3Page - National Semiconductor (TI) DAC1006 Datasheet HTML 4Page - National Semiconductor (TI) DAC1006 Datasheet HTML 5Page - National Semiconductor (TI) DAC1006 Datasheet HTML 6Page - National Semiconductor (TI) DAC1006 Datasheet HTML 7Page - National Semiconductor (TI) DAC1006 Datasheet HTML 8Page - National Semiconductor (TI) DAC1006 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Block and Connection Diagrams
DAC100610071008 (20-Pin Parts)
USE DAC100610071008
FOR LEFT JUSTIFIED DATA
TLH5688 – 5
DAC100610071008
(20-Pin Parts)
Dual-In-Line Package
TLH5688 – 28
Top View
See Ordering Information
DAC100610071008Simple Hookup for a ‘‘Quick Look’’
A TOTAL OF 10
INPUT SWITCHES
1K RESISTORS
TLH5688 – 7
Notes
1 For VREFeb10240 VDC the output voltage steps are approximately 10 mV each
2 SW1 is a normally closed switch While SW1 is closed the DAC register is latched and new data
can be loaded into the input latch via the 10 SW2 switches
When SW1 is momentarily opened the new data is transferred from the input latch to the DAC register and is latched when SW1 again closes
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com