Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1006 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1006
Description  uP Compatible, Double-Buffered D to A Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1006 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DAC1006 Datasheet HTML 14Page - National Semiconductor (TI) DAC1006 Datasheet HTML 15Page - National Semiconductor (TI) DAC1006 Datasheet HTML 16Page - National Semiconductor (TI) DAC1006 Datasheet HTML 17Page - National Semiconductor (TI) DAC1006 Datasheet HTML 18Page - National Semiconductor (TI) DAC1006 Datasheet HTML 19Page - National Semiconductor (TI) DAC1006 Datasheet HTML 20Page - National Semiconductor (TI) DAC1006 Datasheet HTML 21Page - National Semiconductor (TI) DAC1006 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
NOTE DATA HOLD TIME REDUCED TO THAT OF DM74LS374 (
10 ns)
FIGURE 20 Isolating Data Bus from DAC Circuitry to Eliminate Digital Noise Coupling
TLH5688 – 26
FIGURE 21 Digitally Controlled AmplifierAttenuator
74 Digitally Controlled AmplifierAttenuator
An unusual application of the DAC
Figure 21 applies the
input voltage via the on-chip feedback resistor The lower
op amp automatically adjusts the VREF IN voltage such that
IOUT1 is equal to the input current (VIN RfB) The magnitude
of this VREF IN voltage depends on the digital word which is
in the DAC register IOUT2 then depends upon both the
magnitude of VIN and the digital word The second op amp
converts IOUT2 to a voltage VOUT which is given by
VOUTeVIN
1023bN
N
J where 0kNs1023
Note that Ne0 (or a digital code of all zeros) is not allowed
or this will cause the output amplifier to saturate at either
g
VMAX depending on the sign of VIN
To provide a digitally controlled divider the output op amp
can be eliminated Ground the IOUT2 pin of the DAC and
VOUT is now taken from the lower op amp (which also drives
the VREF input of the DAC) The expression for VOUT is now
given by
VOUTeb
VIN
M
where MeDigital input (expressed as a
fractional binary number)
0kMk1
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com