Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2372IP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2372IP
Description  FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2372IP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2372IP Datasheet HTML 9Page - Texas Instruments TLV2372IP Datasheet HTML 10Page - Texas Instruments TLV2372IP Datasheet HTML 11Page - Texas Instruments TLV2372IP Datasheet HTML 12Page - Texas Instruments TLV2372IP Datasheet HTML 13Page - Texas Instruments TLV2372IP Datasheet HTML 14Page - Texas Instruments TLV2372IP Datasheet HTML 15Page - Texas Instruments TLV2372IP Datasheet HTML 16Page - Texas Instruments TLV2372IP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270C − MARCH 2001 − REVISED DECEMBER 2003
13
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
−1.5
0
1.5
3
4.5
6
7.5
0
2
4
6
8
10
−0.25
0
0.25
0.50
0.75
1
−40
−20
0
20
40
60
80
100
120
140
160
IDD(SHDN = 0)
SHUTDOWN SUPPLY CURRENT/OUTPUT VOLTAGE
vs
TIME
t − Time −
µs
SHDN
VDD = 15 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VI = VDD/2
TA = 25° C
VO
Figure 31
−1.0
−0.5
0
0.5
1
1.5
2
2.5
−2
−1
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
−0.25
0
0.25
0.50
0.75
1
IDD(SHDN = 0)
SHUTDOWN SUPPLY CURRENT/OUTPUT VOLTAGE
vs
TIME
t − Time −
µs
SHDN
VDD = 5 V
AV = 1
RL = 2 kΩ
CL = 10 pF
VI = VDD/2
TA = 25° C
VO
Figure 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com