Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPM-15PA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FPM-15PA
Description  Sensing element / Absolute
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FPM-15PA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FPM-15PA Datasheet HTML 1Page - List of Unclassifed Manufacturers FPM-15PA Datasheet HTML 2Page - List of Unclassifed Manufacturers FPM-15PA Datasheet HTML 3Page - List of Unclassifed Manufacturers FPM-15PA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1
6
1
6
5
2
R2
i
1.5mA
R1
R4
R3
VR0
Zero balancing trimmer (VR0) is available.
VR0: 200
Constant
current
source
Output voltage
3
1
6
1
6
2
5
R2
i
1.5mA
R1
R4
R3
VR0
Zero balancing trimmer (VR0) is available.
VR0: 200
Constant
current
source
Output voltage
Note ; Please read instruction “Notes” before using the sensor.
Fujikura reserves the right to change specifications without notice.
If you have any questions regarding technical issues or specifications, please contact us.
Sensor Engineering Department
5-1 Kiba 1-chome, Koto-ku, Tokyo 135-8512, Japan
Phone +81-(0)3-5606-1072
Fax. +81-(0)3-5606-1538
E-mail : sensor@fujikura.co.jp
FPM (Absolute pressure)
Unit (mm)
FAM
Unit (mm)
Sensing element/Absolute
FPM,FAM Data sheet
Connection diagram
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com