Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPM-15PA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FPM-15PA
Description  Sensing element / Absolute
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FPM-15PA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FPM-15PA Datasheet HTML 1Page - List of Unclassifed Manufacturers FPM-15PA Datasheet HTML 2Page - List of Unclassifed Manufacturers FPM-15PA Datasheet HTML 3Page - List of Unclassifed Manufacturers FPM-15PA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sensing element/Absolute
FPM,FAM Data sheet
Features
. Dual-In-line-Package(DIP)or SMD, Easy to mount on PCB
. Barometric pressure measurable
Applications
. Industrial instrumentation
. Medical device
. Barometer, Altimeter
. Altitude compensation
Pressure type
Absolute pressure
Model
FPM
FAM
Package configuration
Dual-In-line-Package(DIP)
Surface mount package
Model/Rated pressure
15PA
Unit
Recommended operating conditions
Pressure type
Absolute pressure
Rated pressure
34.66
168.0
kPa . abs
0.3535
1.713
kg/cm2 . abs
Measurable pressure range
0168.0
kPa. abs
Pressure media
Non-corrosive gas
Excitation current (Constant)
1.5
mADC
Absolute maximum rating
Maximum load pressure
Twice of rated pressure
Maximum excitation current
3mADC
Operating temperature
20
100
Storage temperature
40
120
Operating humidity
30
80 (No dew condensation)
RH
Electric performances/characteristics (Excitation current I=1.5mA constant, Ambient temperature Ta=25
)
Full scale span voltage
80
160
mV
Offset voltage
50
130 (at 101.3kPa . abs)
mV
Bridge impedance
4000
6000
Mechanical response time
2 (For the reference)
msec
Temperature sensitivity of offset (TSO)
3FS/0
50
Temperature coefficient of sensitivity (TCS)
2.5
FS/0
50
Linearity
0.3
FS
Pressure hystersis
0.2
FS
Part number for ordering
FAM - 15P A S R
Measurable pressure range(kPa)
Part number for ordering
66.7
+66.7
FPM-15PA
FPM-15PAR
FAM-15PASR
Terminal leads direction(See Outline Diagram)
No mark :
R:
Model
FPM
FAM
Pressure type
A:Absolute
pressure
Terminal leads configuration
No mark : DIP(FPM)
S : Surface mount package(FAM)
Rated pressure(PSI)
Specifications
1


Similar Part No. - FPM-15PA

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FPM-15PA FUJIKURA-FPM-15PA Datasheet
263Kb / 4P
Barometric pressure measurable Dual-in-line package (DIP)
FPM-15PAR FUJIKURA-FPM-15PAR Datasheet
263Kb / 4P
Barometric pressure measurable Dual-in-line package (DIP)
FPM-15PASR FUJIKURA-FPM-15PASR Datasheet
392Kb / 4P
Sensing element/Absolute
More results

Similar Description - FPM-15PA

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FDM-30PDSR FUJIKURA-FDM-30PDSR Datasheet
300Kb / 2P
Sensing element/Differential
FGMC-307PGSR FUJIKURA-FGMC-307PGSR Datasheet
295Kb / 3P
Sensing element/Gauge
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
392Kb / 4P
Sensing element/Absolute
FPMC-07PGR FUJIKURA-FPMC-07PGR Datasheet
378Kb / 4P
Sensing element/Gauge
FGN-607PGSR FUJIKURA-FGN-607PGSR Datasheet
351Kb / 3P
Sensing element/Gauge
FDM-02PDSR FUJIKURA-FDM-02PDSR Datasheet
201Kb / 5P
Sensing element / Differential
FGM-607PGSR FUJIKURA-FGM-607PGSR Datasheet
255Kb / 5P
Sensing element Gauge
FGN-607PGSR FUJIKURA-FGN-607PGSR_11 Datasheet
195Kb / 5P
Sensing element Gauge
logo
Amphenol Corporation
EHRH AMPHENOL-EHRH Datasheet
43Kb / 2P
Waterproof sensing element and housing
logo
Stackpole Electronics, ...
BR_SERIES SEI-BR_SERIES Datasheet
331Kb / 5P
Bare Element Current Sensing Resistor
10/8/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com