Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7556 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7556
Description  Monolithic Construction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7556 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7556 Datasheet HTML 1Page - IXYS Corporation CPC7556 Datasheet HTML 2Page - IXYS Corporation CPC7556 Datasheet HTML 3Page - IXYS Corporation CPC7556 Datasheet HTML 4Page - IXYS Corporation CPC7556 Datasheet HTML 5Page - IXYS Corporation CPC7556 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
e3
Pb
DS-CPC7556-R04
www.ixysic.com
1
Bridge Characteristics
Features
Monolithic Construction
Surface Mount Package
Applications
Telecommunications Protection Clamp
High Voltage Multiplexer/Switch
High Voltage ESD Clamp
Description
100V Diode Bridge with an integrated Over-Voltage
Protection (OVP) thyristor uses IXYS Integrated
Circuits Division's High Voltage SOI technology.
The CPC7556N integrated diode bridge offers
protection from high voltage transients by means of an
adjustable voltage clamp. The clamp performs two
actions, first to limit the voltage across the diode
bridge rectified outputs to a value determined by
external resistors and the gate voltage and second to
fully discharge the V+ to Voutputs when the Gate’s
trigger threshold is exceeded during the voltage
limiting function. The rectified outputs are discharged
as a result of the voltage fold-back function of the OVP
device. Voltage fold back of the OVP circuit will
continue until the current through the protector falls
below the hold current threshold.
Terminating the gate to Vwill disable the clamp
voltage feature up to the thyristor’s off state voltage.
Ordering Information
CPC7556N Diagram
Parameter
Rating
Units
Reverse Voltage
100
V
Forward Current
240
mArms
Thyristor Current
120
mA
Part
Description
CPC7556N
8-Pin SOIC in Tubes (100/Tube)
CPC7556NTR 8-Pin SOIC Tape & Reel (2000/Reel)
+
-
G
A/B
B/A
A
K
CPC7556
Diode Bridge with Integrated
Adjustable OVP Circuit


Similar Part No. - CPC7556

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7556 CLARE-CPC7556 Datasheet
501Kb / 6P
Diode Bridge with Integrated Adjustable OVP Circuit
CPC7556N CLARE-CPC7556N Datasheet
501Kb / 6P
Diode Bridge with Integrated Adjustable OVP Circuit
CPC7556NTR CLARE-CPC7556NTR Datasheet
501Kb / 6P
Diode Bridge with Integrated Adjustable OVP Circuit
More results

Similar Description - CPC7556

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE700 FAIRCHILD-KSE700 Datasheet
52Kb / 4P
Monolithic Construction With Built-in Base- Emitter Resistors
MJE700 FAIRCHILD-MJE700 Datasheet
51Kb / 4P
Monolithic Construction With Built-in Base- Emitter Resistors
MJE800 FAIRCHILD-MJE800 Datasheet
51Kb / 4P
Monolithic Construction With Built-in Base- Emitter Resistors
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
KSE800 FAIRCHILD-KSE800_01 Datasheet
55Kb / 4P
Monolithic Construction With Built-in Base-Emitter Resistors
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
International Rectifier
PVI5033RS-TPBF IRF-PVI5033RS-TPBF Datasheet
902Kb / 4P
Monolithic construction
logo
IXYS Corporation
CPC7557 IXYS-CPC7557 Datasheet
150Kb / 5P
Monolithic Construction
logo
API Technologies Corp
SCI-9945-125H APITECH-SCI-9945-125H Datasheet
128Kb / 1P
Rugged monolithic discoidal capacitor construction
logo
WALSIN TECHNOLOGY CORPO...
WLBD0603 WALSIN-WLBD0603 Datasheet
2Mb / 12P
Monolithic inorganic material construction
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com