Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7557 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC7557
Description  Monolithic Construction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7557 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC7557 Datasheet HTML 1Page - IXYS Corporation CPC7557 Datasheet HTML 2Page - IXYS Corporation CPC7557 Datasheet HTML 3Page - IXYS Corporation CPC7557 Datasheet HTML 4Page - IXYS Corporation CPC7557 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
3
www.ixysic.com
R04
CPC7557
1.4 Recommended Operating Conditions
1.5 General Conditions
Typical values are characteristic of the device at 25
C
and are the result of engineering evaluations. They are
provided for information purposes only and are not
part of the manufacturing testing requirements.
Unless otherwise noted, all electrical specifications
are listed for TA=25C.
1.6 DC Electrical Characteristics
1.7 AC Electrical Characteristics
2
Typical Performance Data
Parameter
Symbol
Minimum
Maximum
Units
Diode Forward Current (Average)
IF
-
240
mArms
Reverse Voltage
VR
-
100
V
Operating Temperature Range
TA
-40
+125
C
Thermal Impedance
JA
120
-
C/W
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Forward Current
-
IF
-
-
240
mArms
Diode Forward Voltage Drop
IF = 40mA
VF
0.83
0.91
0.97
V
IF = 250mA
1
1.3
1.49
Reverse Voltage Leakage Current
VR=100V
IR
--
1
A
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Input Zero Bias Capacitance
V+  V= 0V
Measured from VA to VB
CAB
-4.4
12
pF
Output Zero Bias Capacitance
VA = VB
Measured from V+ to V
C+/
-8.3
20
pF
Bridge Zero Bias Capacitance
V+  V= 0V Measured from
VA to V+/- and VB to V+/-
CA/+, CA/,
CB/+, CB/
-8.5
12
pF
2.8
2.6
2.4
2.0
1.8
1.6
-20
20
60
-40
0
40
80
Temperature (ºC)
Bridge Forward Voltage (V
F)
vs. Temperature
100
1.4
1.2
1.0
I
F=250mA
I
F=40mA
2.2
1.6
1.4
1.2
1.0
0.8
0.6
-20
20
60
-40
0
40
80
Temperature (ºC)
Diode Forward Voltage (V
F)
vs. Temperature
100
0.4
0.2
0
I
F=250mA
I
F=40mA
152
150
148
146
144
142
-20
20
60
-40
0
40
80
Temperature (ºC)
Diode Reverse Breakdown Voltage (V
RRM)
vs. Temperature
100
140
138



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com