Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7557 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7557
Description  Monolithic Construction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7557 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7557 Datasheet HTML 1Page - IXYS Corporation CPC7557 Datasheet HTML 2Page - IXYS Corporation CPC7557 Datasheet HTML 3Page - IXYS Corporation CPC7557 Datasheet HTML 4Page - IXYS Corporation CPC7557 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
e3
Pb
DS-CPC7557-R04
www.ixysic.com
1
Bridge Characteristics
Features
Monolithic Construction
Surface Mount Package
Applications
Telecommunications Protection Clamp
High Voltage Multiplexer/Switch
Description
The CPC7557N is an integrated diode bridge built on
IXYS Integrated Circuits Division’s High Voltage SOI
technology.
Ordering Information
CPC7557N Diagram
Parameter
Rating
Units
Reverse Voltage
100
V
Forward Current
240
mArms
Part
Description
CPC7557N
8-Pin SOIC in Tubes (100/Tube)
CPC7557NTR 8-Pin SOIC Tape & Reel (2000/Reel)
+
-
A/B
B/A
CPC7557
Diode Bridge


Similar Part No. - CPC7557

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7557 CLARE-CPC7557 Datasheet
427Kb / 5P
Diode Bridge
CPC7557N CLARE-CPC7557N Datasheet
427Kb / 5P
Diode Bridge
CPC7557NTR CLARE-CPC7557NTR Datasheet
427Kb / 5P
Diode Bridge
More results

Similar Description - CPC7557

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE700 FAIRCHILD-KSE700 Datasheet
52Kb / 4P
Monolithic Construction With Built-in Base- Emitter Resistors
MJE700 FAIRCHILD-MJE700 Datasheet
51Kb / 4P
Monolithic Construction With Built-in Base- Emitter Resistors
MJE800 FAIRCHILD-MJE800 Datasheet
51Kb / 4P
Monolithic Construction With Built-in Base- Emitter Resistors
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
KSE800 FAIRCHILD-KSE800_01 Datasheet
55Kb / 4P
Monolithic Construction With Built-in Base-Emitter Resistors
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
International Rectifier
PVI5033RS-TPBF IRF-PVI5033RS-TPBF Datasheet
902Kb / 4P
Monolithic construction
logo
IXYS Corporation
CPC7556 IXYS-CPC7556 Datasheet
162Kb / 6P
Monolithic Construction
logo
API Technologies Corp
SCI-9945-125H APITECH-SCI-9945-125H Datasheet
128Kb / 1P
Rugged monolithic discoidal capacitor construction
logo
WALSIN TECHNOLOGY CORPO...
WLBD0603 WALSIN-WLBD0603 Datasheet
2Mb / 12P
Monolithic inorganic material construction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com