Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C2811PBKA Datasheet(PDF) 35 Page - Texas Instruments

Part # TMX320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C2811PBKA Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMX320C2811PBKA Datasheet HTML 31Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 32Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 33Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 34Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 35Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 36Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 37Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 38Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 147 page
background image
Functional Overview
35
June 2004
SPRS257
3.2.19 Control Peripherals
R281x supports the following peripherals which are used for embedded control and communication:
EV:
The event manager module includes general-purpose timers, full-compare/PWM units,
capture inputs (CAP) and quadrature-encoder pulse (QEP) circuits. Two such event
managers are provided which enable two three-phase motors to be driven or four
two-phase motors. The event managers on R281x are compatible to the event managers
on the 240x devices (with some minor enhancements).
ADC:
The ADC block is a 12-bit converter, single ended, 16-channels. It contains two
sample-and-hold units for simultaneous sampling.
3.2.20 Serial Port Peripherals
R281x supports the following serial communication peripherals:
eCAN:
This is the enhanced version of the CAN peripheral. It supports 32 mailboxes, time stamping
of messages, and is CAN 2.0B-compliant.
McBSP:
This is the multichannel buffered serial port that is used to connect to E1/T1 lines,
phone-quality codecs for modem applications or high-quality stereo-quality Audio DAC
devices. The McBSP receive and transmit registers are supported by a 16-level FIFO. This
significantly reduces the overhead for servicing this peripheral.
SPI:
The SPI is a high-speed, synchronous serial I/O port that allows a serial bit stream of
programmed length (one to sixteen bits) to be shifted into and out of the device at a
programmable bit-transfer rate. Normally, the SPI is used for communications between the
DSP controller and external peripherals or another processor. Typical applications include
external I/O or peripheral expansion through devices such as shift registers, display drivers,
and ADCs. Multi-device communications are supported by the master/slave operation of
the SPI. On R281x, the port supports a 16-level, receive and transmit FIFO for reducing
servicing overhead.
SCI:
The serial communications interface is a two-wire asynchronous serial port, commonly
known as UART. On R281x, the port supports a 16-level, receive and transmit FIFO for
reducing servicing overhead.
3.3
Register Map
R281x devices contain three peripheral register spaces. The spaces are categorized as follows:
•
Peripheral Frame 0:
These are peripherals that are mapped directly to the CPU memory bus.
See Table 3−2.
•
Peripheral Frame 1:
These are peripherals that are mapped to the 32-bit peripheral bus.
See Table 3−3.
•
Peripheral Frame 2:
These are peripherals that are mapped to the 16-bit peripheral bus.
See Table 3−4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com