Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320C2811PBKA Datasheet(PDF) 44 Page - Texas Instruments

Part # TMX320C2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C2811PBKA Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMX320C2811PBKA Datasheet HTML 40Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 41Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 42Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 43Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 44Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 45Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 46Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 47Page - Texas Instruments TMX320C2811PBKA Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 147 page
background image
Functional Overview
44
June 2004
SPRS257
3.7
System Control
This section describes R281x oscillator, PLL and clocking mechanisms, the watchdog function and the low
power modes. Figure 3−7 shows the various clock and reset domains in R281x devices that will be discussed.
HSPCLK
PLL
X1/XCLKIN
X2
Power
Modes
Control
Watchdog
Block
C28x
CPU
Low-Speed Peripherals
SCI-A/B, SPI, McBSP
Peripheral
Registers
High-Speed Peripherals
EV-A/B
High-Speed Prescaler
Low-Speed Prescaler
Clock Enables
GPIO
MUX
System
Control
Registers
Peripheral
Registers
XF_XPLLDIS
ADC
Registers
12-Bit ADC
16 ADC Inputs
HSPCLK
LSPCLK
I/O
I/O
Peripheral Reset
SYSCLKOUT
XRS
Reset
GPIOs
eCAN
Peripheral
Registers
I/O
OSC
CLKIN
NOTE A: CLKIN is the clock input to the CPU. SYSCLKOUT is the output clock of the CPU. They are of the same frequency.
Figure 3−7. Clock and Reset Domains
The PLL, clocking, watchdog and low-power modes are controlled by the registers listed in Table 3−11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com