Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P447SB Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM78P447SB
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SB Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78P447SB Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
EM78P447S
OTP ROM
3. PIN ASSIGNMENT
TCC
VDD
NC
Vss
/INT
P50
P51
P53
P60
P61
P62
P63
P64
P52
/RESET
OSCI
OSCO
P77
P76
P75
P74
P72
P71
P70
P67
P66
P65
P73
1
2
3
4
5
6
7
8
9
10
11
12
14
13
26
25
24
23
22
21
20
19
18
17
29
30
27
28
P55
P54
P56
P57
15
16
31
32
TCC
VDD
NC
Vss
/INT
P50
P51
P53
P60
P61
P62
P63
P64
P52
/RESET
OSCI
OSCO
P77
P76
P75
P74
P72
P71
P70
P67
P66
P65
P73
1
2
3
4
5
6
7
8
9
10
11
12
14
13
26
25
24
23
22
21
20
19
18
17
16
15
27
28
TCC
VDD
Vss
/INT
P50
P51
P53
P60
P61
P62
P63
P64
P52
/RESET
OSCI
OSCO
P77
P76
P75
P74
P72
P71
P70
P67
P66
P65
P73
1
2
3
4
5
6
7
8
9
10
11
12
14
13
26
25
24
23
22
21
20
19
18
17
16
15
27
28
Vss
Fig. 1 Pin Assignment
Table 1 EM78P447SAP and EM78P447SAM Pin Description
Symbol Pin No.
Type
Function
VDD
2
-
* Power supply.
OSCI
27
I
* XTAL type: Crystal input terminal or external clock input pin.
* RC type: RC oscillator input pin.
OSCO
26
I/O
* XTAL type: Output terminal for crystal oscillator or external clock input pin.
* RC type: Instruction clock output.
* External clock signal input.
TCC
1
I
* The real time clock/counter (with Schmitt trigger input pin) must be tied to
VDD or VSS if not in use.
/RESET
28
I
* Input pin with Schmitt trigger. If this pin remains at logic low, the controller
will also remain in reset condition.
P50~P53
6~9
I/O
* P50~P53 are bi-directional I/O pins.
P60~P67 10~17
I/O
* P60~P67 are bi-directional I/O pins. These can be pulled-high internally
by software control.
P70~P77 18~25
I/O
* P70~P77 are bi-directional I/O pins.
* P74~P75 can be pulled-high internally by software control.
* P76~P77 can have open-drain output by software control.
* P70 and P71 can also be defined as the R-option pins.
/INT
5
I
* External interrupt pin triggered by falling edge.
VSS
4
-
* Ground.
NC
3
-
* No connection.
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com