Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P447SB Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78P447SB
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SB Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78P447SB Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
EM78P447S
OTP ROM
Aaddress
R PAGE registers
IOC PAGE registers
00
R0
(Indirect Addressing Register)
Reserve
01
R1
(Time Clock Counter)
CONT (Control Register)
02
R2
(Program Counter)
Reserve
03
R3
(Status Register)
Reserve
04
R4
(RAM Select Register)
Reserve
05
R5
(Port5)
IOC5
(I/O Port Control Register)
06
R6
(Port6)
IOC6
(I/O Port Control Register)
07
R7
(Port7)
IOC7
(I/O Port Control Register)
08
General Register
Reserve
09
General Register
Reserve
0A
General Register
Reserve
0B
General Register
IOCB (Wake-Up Control Register for Port6 )
0C
General Register
Reverse
0D
General Register
Reverse
0E
General Register
IOCE (WDT,SLEEP2,Open Drain,R -Option
Control Register)
0F
General Register
IOCF (Interrupt Mask Register)
10
︰
1F
General Registers
20
:
3E
Bank0
Bank1
Bank2
Bank3
3F
R3F
(Interrupt Status Register)
Fig. 4 Data Memory Configuration
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com