Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCJ Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0832LCJ
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0832LCJ Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DAC0832LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 9Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 10Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 11Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Definition of Terms (Continued)
Ideally, for the DAC0830 series, full scale is V
REF −1LSB.
For V
REF
= 10V and unipolar operation, V
FULL-SCALE
=
10,0000V–39mV 9.961V. Full-scale error is adjustable to
zero.
Differential Nonlinearity: The difference between any two
consecutive codes in the transfer curve from the theoretical
1 LSB to differential nonlinearity.
Monotonic: If the output of a DAC increases for increasing
digital input code, then the DAC is monotonic. An 8-bit DAC
which is monotonic to 8 bits simply means that increasing
digital input codes will produce an increasing analog output.
Typical Performance
Characteristics
Digital Input Threshold
vs. Temperature
Digital Input Threshold
vs. V
CC
Gain and Linearity Error
Variation vs. Temperature
00560826
00560827
00560828
00560804
FIGURE 1. DAC0830 Functional Diagram
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com