Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCJ Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0832LCJ
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0832LCJ Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DAC0832LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 9Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 10Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 11Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 12Page - National Semiconductor (TI) DAC0832LCJ Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Typical Performance Characteristics (Continued)
Gain and Linearity Error
Variation vs. Supply Voltage
Write Pulse Width
Data Hold Time
00560829
00560830
00560831
DAC0830 Series Application Hints
These DAC’s are the industry’s first microprocessor compat-
ible, double-buffered 8-bit multiplying D to A converters.
Double-buffering allows the utmost application flexibility from
a digital control point of view. This 20-pin device is also pin
for pin compatible (with one exception) with the DAC1230, a
12-bit MICRO-DAC. In the event that a system’s analog
output resolution and accuracy must be upgraded, substitut-
ing the DAC1230 can be easily accomplished. By tying
address bit A
0 to the ILE pin, a two-byte µP write instruction
(double precision) which automatically increments the ad-
dress for the second byte write (starting with A
0=“1”) can be
used. This allows either an 8-bit or the 12-bit part to be used
with no hardware or software changes. For the simplest 8-bit
application, this pin should be tied to V
CC (also see other
uses in section 1.1).
Analog signal control versatility is provided by a precision
R-2R ladder network which allows full 4-quadrant multiplica-
tion of a wide range bipolar reference voltage by an applied
digital word.
1.0 DIGITAL CONSIDERATIONS
A most unique characteristic of these DAC’s is that the 8-bit
digital input byte is double-buffered. This means that the
data must transfer through two independently controlled 8-bit
latching registers before being applied to the R-2R ladder
network to change the analog output. The addition of a
second register allows two useful control features. First, any
DAC in a system can simultaneously hold the current DAC
data in one register (DAC register) and the next data word in
the second register (input register) to allow fast updating of
the DAC output on demand. Second, and probably more
important, double-buffering allows any number of DAC’s in a
system to be updated to their new analog output levels
simultaneously via a common strobe signal.
The timing requirements and logic level convention of the
register control signals have been designed to minimize or
eliminate external interfacing logic when applied to most
popular microprocessors and development systems. It is
easy to think of these converters as 8-bit “write-only”
memory locations that provide an analog output quantity. All
inputs to these DAC’s meet TTL voltage level specs and can
also be driven directly with high voltage CMOS logic in
non-microprocessor based systems. To prevent damage to
the chip from static discharge, all unused digital inputs
should be tied to V
CC or ground. If any of the digital inputs
are inadvertantly left floating, the DAC interprets the pin as a
logic “1”.
1.1 Double-Buffered Operation
Updating
the
analog
output
of
these
DAC’s
in
a
double-buffered manner is basically a two step or double
write operation. In a microprocessor system two unique
system addresses must be decoded, one for the input latch
controlled by the CS pin and a second for the DAC latch
which is controlled by the XFER line. If more than one DAC
is being driven,
Figure 2, the CS line of each DAC would
typically be decoded individually, but all of the converters
could share a common XFER address to allow simultaneous
updating of any number of DAC’s. The timing for this opera-
tion is shown,
Figure 3.
It is important to note that the analog outputs that will change
after a simultaneous transfer are those from the DAC’s
whose input register had been modified prior to the XFER
command.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com