Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL222091002E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL222091002E3
Description  Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL222091002E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL222091002E3 Datasheet HTML 1Page - Vishay Siliconix MAL222091002E3 Datasheet HTML 2Page - Vishay Siliconix MAL222091002E3 Datasheet HTML 3Page - Vishay Siliconix MAL222091002E3 Datasheet HTML 4Page - Vishay Siliconix MAL222091002E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
220 EDLC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 18-Jan-16
2
Document Number: 28421
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 1 - Form CA: long leads
Table 1
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa and RH = 45 % to 75 %.
ORDERING EXAMPLE
Capacitor series 220 EDLC
40 F / 2.7 V
Nominal case size: Ø 18 mm x 31 mm; Form CA
Ordering code: MAL222091001E3
Table 2
Notes
(1) UCT = rated voltage at upper category temperature
(2) Rated capacitance CR and ESRDC
DIMENSIONS in millimeters, MASS, AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L
CASE CODE
Ø d
Ø Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
FORM CA IN TRAY
16 x 20
19a
0.8
16.5
22
7.5 ± 0.5
 6.0
200
18 x 20
1820
0.8
18.5
22
7.5 ± 0.5
 7.0
200
16 x 31
20
0.8
16.5
33.5
7.5 ± 0.5
 9.0
200
18 x 31
1831
0.8
18.5
33.5
7.5 ± 0.5
 10.0
200
Ø D
L
F
Ø d
5
min.
15
min.
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance, tolerance -20 % / +50 %
IP
Max. peak current
IL
Max. leakage current after 0.5 h / 72 h at UR
ELECTRICAL DATA AND ORDERING INFORMATION FOR ENERGY VERSION
UR
(V)
UCT (1)
(V)
US
(V)
(< 1 s)
CR (2)
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
MAX.
ESRDC (2)
INITIAL
(m
)
MAX.
ESRAC
INITIAL,
1 kHz
(m
)
IP
MAX. PEAK
CURRENT
(A)
IL
MAX.
LEAKAGE
CURRENT
AFTER
STORED
ENERGY
E AT UR
(Wh)
SPECIFIC
ENERGY
Ed AT UR
(Wh/kg)
ORDERING
CODE
MAL2220.......
(mA) (μA)
65 °C 85 °C
65 °C 85 °C 0.5 h 72 h 65 °C 85 °C 65 °C 85 °C
2.7
2.3
2.85
15 000 000
16 x 20
40
30
25
20
6
75
0.015 0.011
2.5
1.8
90003E3
2.7
2.3
2.85
20 000 000
18 x 20
38
28
25
20
6
75
0.020 0.015
2.9
2.1
90004E3
2.7
2.3
2.85
30 000 000
16 x 31
36
26
25
20
15
150 0.030 0.022
3.4
2.5
90002E3
2.7
2.3
2.85
35 000 000
18 x 31
35
25
25
20
15
150 0.035 0.029
3.5
2.6
90001E3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com