Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL222091002E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL222091002E3
Description  Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL222091002E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL222091002E3 Datasheet HTML 1Page - Vishay Siliconix MAL222091002E3 Datasheet HTML 2Page - Vishay Siliconix MAL222091002E3 Datasheet HTML 3Page - Vishay Siliconix MAL222091002E3 Datasheet HTML 4Page - Vishay Siliconix MAL222091002E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
220 EDLC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 18-Jan-16
4
Document Number: 28421
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MEASURING OF CHARACTERISTICS
CAPACITANCE (C)
Capacitance shall be measured by constant current
discharge method.
- Constant current charge with 10 mA/F to UR
- Constant voltage charge at UR for 5 min
- Constant current discharge with 10 mA/F to 0.1 V
Fig. 2 - Voltage Diagram for Capacitance Measurement
Capacitance value CR is given by discharge current ID, time
t and rated voltage UR, according to the following equation:
EQUIVALENT SERIES RESISTANCE (ESRDC)
- Constant current charge to UR
- Constant voltage charge at UR for 5 min
- Constant current discharge to 0.1 V
CR
Rated capacitance, in F
UR
Rated voltage, in V
U1
Starting voltage, 0.8 x UR in V
U2
Ending voltage, 0.4 x UR in V
U
3
Voltage drop at internal resistance, in V
t1
Time from start of discharge until voltage U1 is
reached, in s
t2
Time from start of discharge until voltage U2 is
reached, in s
ID
Absolute value of discharge current, in A
U
R
U
1
U
2
t
1
t
2
ΔU
3
(s)
30 min
C
R
F

I
D
A
 x t
2
s
 - t
1
s


U
1
V
 - U
2
V

---------------------------------------------------------------
=
ESRDC
Equivalent series resistance, in
U
R
Voltage drop at internal resistance, in V
ID
Absolute value of discharge current, in A
ESR
DC

U
3
V

I
D
A

---------------------
=



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com