Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0832
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0832 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DAC0832 Datasheet HTML 12Page - National Semiconductor (TI) DAC0832 Datasheet HTML 13Page - National Semiconductor (TI) DAC0832 Datasheet HTML 14Page - National Semiconductor (TI) DAC0832 Datasheet HTML 15Page - National Semiconductor (TI) DAC0832 Datasheet HTML 16Page - National Semiconductor (TI) DAC0832 Datasheet HTML 17Page - National Semiconductor (TI) DAC0832 Datasheet HTML 18Page - National Semiconductor (TI) DAC0832 Datasheet HTML 19Page - National Semiconductor (TI) DAC0832 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
DAC0830 Series Application Hints (Continued)
This configuration offers several useful application advan-
tages. Since the output is a voltage, an external op amp is
not necessarily required but the output impedance of the
DAC is fairly high (equal to the specified reference input
resistance of 10 k
Ω to 20 kΩ) so an op amp may be used for
buffering purposes. Some of the advantages of this mode
are illustrated in
Figures 12, 13, 14, 15.
There are two important things to keep in mind when using
this DAC in the voltage switching mode. The applied refer-
ence voltage must be positive since there are internal para-
sitic diodes from ground to the I
OUT1 and IOUT2 terminals
which would turn on if the applied reference went negative.
There is also a dependence of conversion linearity and gain
error on the voltage difference between V
CC and the voltage
applied to the normal current output terminals. This is a
result of the voltage drive requirements of the ladder
switches. To ensure that all 8 switches turn on sufficiently (so
as not to add significant resistance to any leg of the ladder
and thereby introduce additional linearity and gain errors) it
is recommended that the applied reference voltage be kept
less than +5V
DC and VCC be at least 9V more positive than
V
REF. These restrictions ensure less than 0.1% linearity and
gain error change.
Figures 16, 17, 18 characterize the ef-
fects of bringing V
REF and VCC closer together as well as
typical temperature performance of this voltage switching
configuration.
00560811
FIGURE 10. Adding Full-Scale Adjustment
00560812
FIGURE 11. Voltage Mode Switching
00560841
•
Voltage switching mode eliminates output signal inver-
sion and therefore a need for a negative power supply.
•
Zero code output voltage is limited by the low level output
saturation voltage of the op amp. The 2 k
Ω pull-down
resistor helps to reduce this voltage.
•
V
OS of the op amp has no effect on DAC linearity.
FIGURE 12. Single Supply DAC
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com