Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0832
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0832 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DAC0832 Datasheet HTML 15Page - National Semiconductor (TI) DAC0832 Datasheet HTML 16Page - National Semiconductor (TI) DAC0832 Datasheet HTML 17Page - National Semiconductor (TI) DAC0832 Datasheet HTML 18Page - National Semiconductor (TI) DAC0832 Datasheet HTML 19Page - National Semiconductor (TI) DAC0832 Datasheet HTML 20Page - National Semiconductor (TI) DAC0832 Datasheet HTML 21Page - National Semiconductor (TI) DAC0832 Datasheet HTML 22Page - National Semiconductor (TI) DAC0832 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
DAC0830 Series Application Hints
(Continued)
2.8 Miscellaneous Application Hints
These converters are CMOS products and reasonable care
should be exercised in handling them to prevent catastrophic
failures due to static discharge.
Conversion accuracy is only as good as the applied refer-
ence voltage so providing a stable source over time and
temperature changes is an important factor to consider.
A “good” ground is most desirable. A single point ground
distribution technique for analog signals and supply returns
keeps other devices in a system from affecting the output of
the DACs.
During power-up supply voltage sequencing, the −15V (or
−12V) supply of the op amp may appear first. This will cause
the output of the op amp to bias near the negative supply
potential. No harm is done to the DAC, however, as the
on-chip 15 k
Ω feedback resistor sufficiently limits the current
flow from I
OUT1 when this lead is internally clamped to one
diode drop below ground.
Careful circuit construction with minimization of lead lengths
around the analog circuitry, is a primary concern. Good high
frequency supply decoupling will aid in preventing inadvert-
ant noise from appearing on the analog output.
Overall noise reduction and reference stability is of particular
concern when using the higher accuracy versions, the
DAC0830 and DAC0831, or their advantages are wasted.
3.0 GENERAL APPLICATION IDEAS
The connections for the control pins of the digital input
registers are purposely omitted. Any of the control formats
discussed in Section 1 of the accompanying text will work
with any of the circuits shown. The method used depends on
the overall system provisions and requirements.
The digital input code is referred to as D and represents the
decimal equivalent value of the 8-bit binary input, for ex-
ample:
Binary Input
D
Pin 13
Pin 7
Decimal
MSB
LSB
Equivalent
1
1
1111
1
1
255
1
0
0000
0
0
128
0
0
0100
0
0
16
0
0
0000
1
0
2
0
0
0000
0
0
0
Gain and Linearity Error
Variation vs. Temperature
00560834
FIGURE 18.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com