Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC942N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC942N
Description  MM74HC942 is a full duplex low speed modem
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC942N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC942N Datasheet HTML 1Page - National Semiconductor (TI) MM74HC942N Datasheet HTML 2Page - National Semiconductor (TI) MM74HC942N Datasheet HTML 3Page - National Semiconductor (TI) MM74HC942N Datasheet HTML 4Page - National Semiconductor (TI) MM74HC942N Datasheet HTML 5Page - National Semiconductor (TI) MM74HC942N Datasheet HTML 6Page - National Semiconductor (TI) MM74HC942N Datasheet HTML 7Page - National Semiconductor (TI) MM74HC942N Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5348
January 1988
MM74HC942 300 Baud Modem
General Description
The MM74HC942 is a full duplex low speed modem It pro-
vides a 300 baud bidirectional serial interface for data com-
munication over telephone lines and other narrow band-
width channels It is Bell 103 compatible
The MM74HC942 utilizes advanced silicon-gate CMOS
technology Switched capacitor techniques are used to per-
form analog signal processing
MODULATOR SECTION
The modulator contains a frequency synthesizer and a sine
wave synthesizer It produces a phase coherent frequency
shift keyed (FSK) output
LINE DRIVER AND HYBRID SECTION
The line driver and hybrid are designed to facilitate connec-
tion to a 600X phone line They can perform two-to-four-
wire conversion and drive the line at a maximum of 0 dBm
DEMODULATOR SECTION
The demodulator incorporates anti-aliasing filters a receive
filter limiter discriminator and carrier detect circuit The
nine pole receive filter provides 60 dB of transmitted tone
rejection The discriminator is fully balanced for stable
operation
Features
Y
Drives 600X at 0 dBm
Y
All filters on chip
Y
Transmit level adjustment compatible with universal
service order code
Y
TTL and CMOS compatible logic
Y
All inputs protected against static damage
Y
g
5V supplies
Y
Low power consumption
Y
Full duplex answer or originate operation
Y
Analog loopback for self test
Y
Power down mode
Applications
Y
Built-in low speed modems
Y
Remote data collection
Y
Radio telemetry
Y
Credit verification
Y
Stand-alone modems
Y
Point-of-sale terminals
Y
Tone signalling systems
Y
Remote process control
TRI-STATE
is a registered trademark of National Semiconductor Corp
Connection and Block Diagrams
Dual-In-Line Package
TLF5348 – 1
Top View
Order Number MM54HC942 or
MM74HC942
TLF5348 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC942N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
300 Baud Modem
MM74HC943J NSC-MM74HC943J Datasheet
153Kb / 8P
300 Baud Modem
MM74HC943N NSC-MM74HC943N Datasheet
153Kb / 8P
300 Baud Modem
More results

Similar Description - MM74HC942N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
300 bps Full Duplex FSK Modem - ITU-T V.21
logo
List of Unclassifed Man...
SMC91C95 ETC1-SMC91C95 Datasheet
530Kb / 139P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
OKI electronic componet...
MSC2121A OKI-MSC2121A Datasheet
469Kb / 77P
14.4 kbps Full Duplex Modem Chip Set With Built-in Protocols
ML7012 OKI-ML7012 Datasheet
155Kb / 22P
2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
List of Unclassifed Man...
RC2424DP ETC1-RC2424DP Datasheet
2Mb / 36P
RC2424DP/DS 2400 BPS FULL-DUPLEX MODEM DATA PUMP DEVICE SET
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
CML Microcircuits
FX579 CMLMICRO-FX579 Datasheet
574Kb / 23P
HALF DUPLEX GMSK MODEM
FX589 CMLMICRO-FX589 Datasheet
263Kb / 18P
Low-Voltage/High-Speed GMSK Modem
logo
List of Unclassifed Man...
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
Analog Devices
ADM2490E AD-ADM2490E_15 Datasheet
511Kb / 16P
High Speed, ESD-Protected, Full-Duplex
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com