Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8544IPFB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544IPFB
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544IPFB Datasheet(HTML) 3 Page - Texas Instruments

  DAC8544IPFB Datasheet HTML 1Page - Texas Instruments DAC8544IPFB Datasheet HTML 2Page - Texas Instruments DAC8544IPFB Datasheet HTML 3Page - Texas Instruments DAC8544IPFB Datasheet HTML 4Page - Texas Instruments DAC8544IPFB Datasheet HTML 5Page - Texas Instruments DAC8544IPFB Datasheet HTML 6Page - Texas Instruments DAC8544IPFB Datasheet HTML 7Page - Texas Instruments DAC8544IPFB Datasheet HTML 8Page - Texas Instruments DAC8544IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
DAC8544
SLAS420 – MAY 2004
ELECTRICAL CHARACTERISTICS (continued)
V
DD = + 2.7 V to + 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications –40°C to +105°C unless otherwise noted
DAC8544
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RL = ∞
470
pF
Capacitive Load Stability
RL = 2 kΩ
1000
pF
Digital-to-Analog Glitch Impulse
20
nV-s
Digital Feedthrough
0.5
nV-s
DC Output Impedance
1
Ω
VDD = +5 V
50
Short-Circuit Current
mA
VDD = +3 V
20
Coming out of power-down mode,
2.5
VDD = +5 V
Power-Up Time
µs
Coming out of power-down mode,
5
VDD = +3 V
REFERENCE INPUT
VREF+ Input Range
0
VDD
V
VREF– Input Range
–0.1
0.0
VDD/2
V
Reference Input Impedance
140
k
Ω
LOGIC INPUTS
Input Current
±1
µA
VINL, Input Low Voltage
IOVDD = +1.8 V – +5.5 V
0.3 x IOVDD
V
VINH, Input High Voltage
IOVDD = +1.8 V – +5.5 V
0.7 x IOVDD
V
Pin Capacitance
3
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IOVDD
1.8
5.5
V
IDD (Normal Mode)
DAC active and excluding load current
VDD = +3.6 V to +5.5 V
VIH = IOVDD and VIL = IOGND
1.0
1.6
mA
VDD = +2.7 V to +3.6 V
VIH = IOVDD and VIL = IOGND
0.96
1.52
IDD (All Power-Down Modes)
VDD = +3.6 V to +5.5 V
VIH = IOVDD and VIL = IOGND
0.2
1
µA
VDD = +2.7 V to +3.6 V
VIH = IOVDD and VIL = IOGND
0.05
1
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2 mA, VDD = +5 V
93
%
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com