Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPA1948D Datasheet(PDF) 8 Page - Murata Power Solutions Inc.

Part # MPA1948D
Description  Power Supply for LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MPA1948D Datasheet(HTML) 8 Page - Murata Power Solutions Inc.

  MPA1948D Datasheet HTML 1Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 2Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 3Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 4Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 5Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 6Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 7Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PACKING SPECIFICATION
Use for the Model MPA1948 series.
NO.
Q'TY
11/12
22/12
31/12
4
12/12
PACKING PROCESS :
Note: 1. It contains 12 pieces of product in every box.
PRODUCT SPECIFICATION
MPA1948
 Series
Power Supply for LED
PARTS NAME
PACKING BOX
BASE PAD
PARTITION BOARD
Small PE Bag
Label Side
CN101 is on the top
(2)
(4)
Product specification
8/8
MPA1948 Series
Figture.1
ACH29
(1)
(2)
(3)
400mm
320mm
300mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com