Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPA1948D Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # MPA1948D
Description  Power Supply for LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

MPA1948D Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  MPA1948D Datasheet HTML 1Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 2Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 3Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 4Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 5Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 6Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 7Page - Murata Power Solutions Inc. MPA1948D Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Input Characteristics:(Ta=25℃)
Min
Typ
Max
Units
Input Voltage Operating Range
90
100/242
267
Vac
Input Frequency
47
50/60
63
Hz
Inrush Current AC100V(25℃ Cold start)
10
A
AC242V(25℃ Cold start)
20
A
Model Name
Input current(Typ)
Power Factor (Typ)
Input Power(Typ)
Input rated capacity
At max current
At max current
At max current
Output Voltage:50V
Output Voltage:50V
Output Voltage:50V
Output Voltage:50V
AC90V
AC267V
AC100V
AC242V
AC100V
AC242V
MPA1948A
0.49A
0.18A
0.994
0.939
43.2W
42.2W
MPA1948B
0.42A
0.16A
0.991
0.916
37.0W
36.4W
MPA1948C
0.35A
0.14A
0.989
0.887
31.1W
31.0W
MPA1948D
0.30A
0.13A
0.983
0.853
26.5W
26.8W
MPA1948E
0.39A
0.15A
0.988
0.894
33.2W
32.9W
Stand-by Power
Non-communication state
AC100V:0.13Wtyp, AC242V:0.23Wtyp
Output Characteristics(*1):(Ta=25℃)
Model Name
Min(*2)
Max
AC100V
AC242V
AC100V
AC242V
MPA1948A
7~35mA
700mA
108mA
77.9%
77.3%
81.8%
83.8%
MPA1948B
6~30mA
600mA
102mA
76.8%
76.2%
80.9%
82.5%
MPA1948C
5~25mA
500mA
81mA
76.2%
75.1%
81.1%
81.4%
MPA1948D
4.2~21mA
425mA
79mA
75.3%
72.6%
80.7%
79.6%
MPA1948E
5.4~27mA
540mA
100mA
76.8%
76.1%
81.3%
82.1%
(*1)Output characteristics are measured by LE-5150-2(KEISOKUGIKEN) as a LED-load .
Ripple current(p-p)
Output voltage:30V
Typ(At max current)
30~50V
30~50V
40VA
38VA
33VA
35VA
Model Name
Output voltage range
Output voltage:50V
Average current(Typ)
Max current(±5%)
600mA
30~50V
MPA1948E
540mA
Output current(±5%)
30~50V
700mA
500mA
MPA1948A
MPA1948B
Efficiency(Typ) At max current
MPA1948D
425mA
30~50V
31VA
PRODUCT SPECIFICATION
MPA1948
 Series
Power Supply for LED
Constant current power supply
Ordering Guide
MPA1948C
RoHS-Y(B)
()
p
y
(
)
(*2)Depend on Dimming method. Max current value×(1~5%)
Environmental Characteristics:
Condition
Min
Typ
Max
Units
Operating Temp. Range
-10 (*)
50
Operating Humidity
Non-condensing
595
%
Storage Temp. Range
-20
55
Cooling condition
Natural air cooling
MTBF
EIAJ RCR-9102B
10
year
Estimated life
Ta=50℃, Max Voltage/Max load
50000
hour
Weight
480
g
Sinusoidal Vibration
Vibration frequency:10~55Hz、Vibration acceleration:2G
Shock
10G
RoHS
compliant
Warranty
1 Year
Manufacturing Country
China
(*)Start-up at -20℃
Safety:
Safety standards
Electrical Appliance Safety Low (1st clause)
EN61347-1, EN61347-2-13(CB REPORT)
Harmonics
EN61000-3-2 class C
Conducted emission
PSE(1st clause)、EN55015 CLASS B, EN55022 CLASS B
Insulation resistance
30MΩ or more (Input to Output-Reinforced、Input to Chassis-Basic)
Withstand voltage
AC4000V (60Hz Primary-Secondary)、Leak current:10mA or less
AC1600V (60Hz Primary-FG)、Leak current:10mA or less
Leakage current
1 rms or less (AC242V 60Hz normal temperature/normal humidity)
Protection Characteristics:
(*)Input AC again 10 seconds later.
(**)When LED is connected, be careful to be possible to flow rush current to LED.
Immunity:
Electrostatic discharge
IEC61000-4-2
Level 3
Electrical fast transient burst
IEC61000-4-4
Level 3
Surge
IEC61000-4-5
Level 3
Over Voltage Protection
Over Current Protection
Latching
Output Open Protection
Auto recovery(**)
Auto recovery(**)
Operating
ON/OFF Repeat
Return method
0.8A or more
60V or more
AC re-input(*)
ON/OFF Repeat
Conditions
1/8
Product specification
MPA1948 Series


Similar Part No. - MPA1948D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPA1948D MURATA-MPA1948D Datasheet
624Kb / 8P
Power Supply for LED
More results

Similar Description - MPA1948D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPA1967A MURATA-MPA1967A Datasheet
680Kb / 8P
Power Supply for LED
logo
Murata Power Solutions ...
MPA1948E MURATA-PS-MPA1948E Datasheet
624Kb / 8P
Power Supply for LED
MPA1954B MURATA-PS-MPA1954B Datasheet
626Kb / 8P
Power Supply for LED
MPA1954D MURATA-PS-MPA1954D Datasheet
626Kb / 8P
Power Supply for LED
MPA1954F MURATA-PS-MPA1954F Datasheet
626Kb / 8P
Power Supply for LED
MPA1954G MURATA-PS-MPA1954G Datasheet
626Kb / 8P
Power Supply for LED
MPA1960A MURATA-PS-MPA1960A Datasheet
795Kb / 8P
Power Supply for LED
MPA1962B MURATA-PS-MPA1962B Datasheet
900Kb / 8P
Power Supply for LED
MPA1967A MURATA-PS-MPA1967A Datasheet
680Kb / 8P
Power Supply for LED
MPA1948A MURATA-PS-MPA1948A Datasheet
624Kb / 8P
Power Supply for LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com