Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL308 Datasheet(PDF) 6 Page - Texas Instruments

Part # TIL308
Description  NUMERIC DISPLAYS WITH LOGIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL308 Datasheet(HTML) 6 Page - Texas Instruments

  TIL308 Datasheet HTML 1Page - Texas Instruments TIL308 Datasheet HTML 2Page - Texas Instruments TIL308 Datasheet HTML 3Page - Texas Instruments TIL308 Datasheet HTML 4Page - Texas Instruments TIL308 Datasheet HTML 5Page - Texas Instruments TIL308 Datasheet HTML 6Page - Texas Instruments TIL308 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TIL308, TIL309
NUMERIC DISPLAYS WITH LOGIC
SLBS002–D1096, MARCH 1972–REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
6
TYPICAL CHARACTERISTICS
0.6
0.5
0.3
0.2
600
620
640
660
0.7
0.9
RELATIVE SPECTRAL CHARACTERISTICS
1
680
700
0.4
0.8
0.1
0
λ – Wavelength – nm
RELATIVE LUMINOUS INTENSITY
vs
CASE TEMPERATURE
010
20
30
40
70
TC – Case Temperature – °C
50
60
4
2
0.7
0.4
1
0.2
0.1
VCC = 5 V
TC = 25°C
VCC = 5 V
Figure 2
Figure 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com