Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL308 Datasheet(PDF) 4 Page - Texas Instruments

Part # TIL308
Description  NUMERIC DISPLAYS WITH LOGIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL308 Datasheet(HTML) 4 Page - Texas Instruments

  TIL308 Datasheet HTML 1Page - Texas Instruments TIL308 Datasheet HTML 2Page - Texas Instruments TIL308 Datasheet HTML 3Page - Texas Instruments TIL308 Datasheet HTML 4Page - Texas Instruments TIL308 Datasheet HTML 5Page - Texas Instruments TIL308 Datasheet HTML 6Page - Texas Instruments TIL308 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIL308, TIL309
NUMERIC DISPLAYS WITH LOGIC
SLBS002–D1096, MARCH 1972–REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4
FUNCTION TABLE
FUNCTION
LATCH INPUTS
BLANKING
LED
LATCH OUTPUTS
DISPLAY
FUNCTION
D
C
B
A
DP
STROBE
INPUT
TEST
QD QC QB QA
QDP
TIL308
TIL309
0
L
L
L
L
L
L
H
H
L
L
L
L
L
1
L
LL
H
H
L
H
H
L
LL
H
H
2
L
LHL
L
L
H
H
L
LHL
L
3
L
LH
H
H
L
H
H
L
LH
H
H
4
L
HL
L
L
L
H
H
L
HL
L
L
5
L
HL
H
H
L
H
H
L
HLH
H
6
L
HH
L
L
L
H
H
L
HH
L
L
7
L
HH
H
H
L
H
H
L
HHH
H
8
H
LL
L
L
L
H
H
H
LLL
L
9
H
LL
H
H
L
H
H
H
LL
H
H
A
H
LHL
L
L
H
H
H
LHL
L
Minus Sign
H
LH
H
H
L
H
H
H
LH
H
H
C
H
HL
L
L
L
H
H
H
HL
L
L
Blank
H
HL
H
H
L
H
H
H
HLH
H
E
H
HH
L
L
L
H
H
H
HH
L
L
F
H
HH
H
H
L
H
H
H
HHH
H
Blank
X
XX
X
X
X
L
H
X
XXX
X
LED TEST (LT)
X
X
X
X
X
X
X
L
X
X
X
X
X
H = high level, L = low level, X = irrelevant.
DP input has arbitrarily been shown activated (high) on every other line of the table.
absolute maximum ratings over operating case temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1): Continuous
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Nonrepetitive peak, tw ≤ 100 ms
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC (see Note 2)
0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES: 1. Voltage values are with respect to network ground terminal.
2. Case temperature is the surface temperature of the plastic measured directly over the integrated circuit. Forced-air cooling may be
required to maintain this temperature.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Low logic level
QDP
1
Normalilzed fanout from each output, N
Low logic level
QA, QB, QC, QD
3
,
(to Series 54/74 integrated circuits)
High logic level
QDP
3
High logic level
QA, QB, QC, QD
6
Latch strobe pulse duration, tw
45
ns
Setup time, tsu
Latch data input (DP) before latch strobe (LS)
↑
60
ns
Hold time, th
Latch data input (DP) after latch strobe (LS)
↑
0
ns
Operating case temperature, TC
0
70
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com