Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDARF02-1BU2CK Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDARF02-1BU2CK
Description  Single-line bidirectional ESD protection for high speed interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDARF02-1BU2CK Datasheet(HTML) 1 Page - STMicroelectronics

  ESDARF02-1BU2CK Datasheet HTML 1Page - STMicroelectronics ESDARF02-1BU2CK Datasheet HTML 2Page - STMicroelectronics ESDARF02-1BU2CK Datasheet HTML 3Page - STMicroelectronics ESDARF02-1BU2CK Datasheet HTML 4Page - STMicroelectronics ESDARF02-1BU2CK Datasheet HTML 5Page - STMicroelectronics ESDARF02-1BU2CK Datasheet HTML 6Page - STMicroelectronics ESDARF02-1BU2CK Datasheet HTML 7Page - STMicroelectronics ESDARF02-1BU2CK Datasheet HTML 8Page - STMicroelectronics ESDARF02-1BU2CK Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
February 2015
DocID025014 Rev 1
1/9
ESDARF02-1BU2CK
Single-line bidirectional ESD protection for high speed interface
Datasheet
− production data
Figure 1. Functional diagram (top view)
Features
• Bidirectional device
• Extra low diode capacitance: 0.2 pF
• Low leakage current
• 0201 SMD package size compatible
• Ultra small PCB area: 0.18 mm2
• ECOPACK®2 and RoHS compliant component
Complies with the following standards:
• IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
• Smartphones, mobile phone and accessories
• Tablet PCs, netbooks and notebooks
• Portable multimedia devices and accessories
• Digital cameras and camcorders
• Communication and highly integrated systems
Description
The ESDARF02-1BU2CK is a bidirectional single
line TVS diode designed to protect the data lines
or other I/O ports against ESD transients.
The device is ideal for applications where both
reduced line capacitance and board space saving
are required.
Pin1 available in different shapes
ST0201 package
Pin1
www.st.com


Similar Part No. - ESDARF02-1BU2CK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDARF02-1BU2CK STMICROELECTRONICS-ESDARF02-1BU2CK Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - ESDARF02-1BU2CK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
ESD Protection for high speed interface
28-May-2007
ESDALC6V1-5P6 STMICROELECTRONICS-ESDALC6V1-5P6 Datasheet
246Kb / 8P
ESD protection for high speed interface
15-Nov-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
ESDAXLC6-1BU2 STMICROELECTRONICS-ESDAXLC6-1BU2 Datasheet
135Kb / 10P
Single-line bidirectional ESD protection for high speed interface
21-Sep-2012
ESDA14V2-1BF3 STMICROELECTRONICS-ESDA14V2-1BF3 Datasheet
210Kb / 9P
Single-line bidirectional Transil™ array for ESD protection
25-Jun-2009
ESDARF02-1BU2 STMICROELECTRONICS-ESDARF02-1BU2 Datasheet
198Kb / 9P
Single-line bidirectional ESD protection for high speed interface
20-Aug-2015
ESDAXLC6-1BT2 STMICROELECTRONICS-ESDAXLC6-1BT2 Datasheet
224Kb / 10P
Single-line bidirectional ESD protection for high speed interface
12-Aug-2013
ESDAULC6-1U2 STMICROELECTRONICS-ESDAULC6-1U2 Datasheet
208Kb / 10P
Single-line unidirectional ESD protection for high speed interface
05-Jun-2012
ESDAVLC12-1BV2 STMICROELECTRONICS-ESDAVLC12-1BV2 Datasheet
477Kb / 9P
Single line bidirectional TVS diode for ESD protection
May 2016 Rev 2
ESDAXLC5-1U2 STMICROELECTRONICS-ESDAXLC5-1U2 Datasheet
346Kb / 12P
Low clamping, single-line unidirectional ESD protection for high speed interface
25-Jan-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com