Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAVLC5-1BF4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDAVLC5-1BF4
Description  Low clamping, very low capacitance bidirectional single line ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC5-1BF4 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDAVLC5-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
October 2015
DocID028245 Rev 1
1/10
ESDAVLC5-1BF4
Low clamping, very low capacitance bidirectional
single line ESD protection
Datasheet
- production data
Features
• Low clamping voltage
• Bidirectional device
• Low leakage current
• 0201 package
• Ultra low PCB area: 0.18 mm2
• ECOPACK®2 compliant component
Complies with the following standards
• IEC 61000-4-2 level 4 (exceed level 4):
– ±30 kV (air discharge)
– ±12 kV (contact discharge)
Applications
Where transient over voltage protection in ESD
sensitive equipment is required, such as:
• Smartphones, mobile phones and accessories
• Tablets, PCs, netbooks and notebooks
• Portable multimedia devices and accessories
• Digital cameras and camcorders
• Communication and highly integrated systems
Description
The ESDAVLC5-1BF4 is a bidirectional single line
TVS diode designed to protect the data line or
other I/O ports against ESD transients.
The device is ideal for applications where both
reduced line capacitance and board space saving
are required.
Figure 1. Functional diagram
www.st.com


Similar Part No. - ESDAVLC5-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAVLC5-4BX4 STMICROELECTRONICS-ESDAVLC5-4BX4 Datasheet
258Kb / 8P
4 bidirectional Transil diodes
05-Jun-2014
ESDAVLC5-4BX4 STMICROELECTRONICS-ESDAVLC5-4BX4 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - ESDAVLC5-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA5-1BF4 STMICROELECTRONICS-ESDA5-1BF4 Datasheet
213Kb / 10P
Low clamping single line bidirectional ESD protection
07-Apr-2014
ESDALC8-1BF4 STMICROELECTRONICS-ESDALC8-1BF4 Datasheet
197Kb / 10P
Low clamping single line bidirectional ESD protection
08-Apr-2014
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
Low clamping and low capacitance bidirectional single line ESD protection
03-Sep-2015
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
Low clamping, low capacitance bidirectional single line ESD protection
01-Aug-2016
ESDAULC5-1BF4 STMICROELECTRONICS-ESDAULC5-1BF4 Datasheet
580Kb / 12P
Low clamping and ultra low capacitance single line bidirectional ESD protection
03-Jun-2014
ESDV5-1BF4 STMICROELECTRONICS-ESDV5-1BF4 Datasheet
545Kb / 10P
Low clamping, very low capacitance bidirectional single line ESD protection
30-Nov-2016
ESDZV5-1BF4 STMICROELECTRONICS-ESDZV5-1BF4 Datasheet
700Kb / 9P
Ultra low clamping single line bidirectional ESD protection
28-Jul-2017
ESDZV201-1BF4 STMICROELECTRONICS-ESDZV201-1BF4 Datasheet
453Kb / 11P
20 V low clamping, low capacitance single line bidirectional ESD protection
07-Jan-2020
logo
Nexperia B.V. All right...
PESD3V3HS2-SF NEXPERIA-PESD3V3HS2-SF Datasheet
197Kb / 10P
Very low clamping bidirectional ESD protection diode
11 August 2022
PESD3V3L1BSF NEXPERIA-PESD3V3L1BSF Datasheet
220Kb / 11P
Very low clamping bidirectional ESD protection diode
2 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com