Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDAVLC5-1BF4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDAVLC5-1BF4
Description  Low clamping, very low capacitance bidirectional single line ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC5-1BF4 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDAVLC5-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDAVLC5-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID028245 Rev 1
5/10
ESDAVLC5-1BF4
Package information
10
Note:
The marking codes can be rotated by 90° or 180° to differentiate assembly location.In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
2.2
Packing information
Figure 12. Tape and reel outline
Figure 10. Footprint in mm (inches)
Figure 11. Marking



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com