Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3016LPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3016LPS
Description  Low Input Capacitance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3016LPS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3016LPS Datasheet HTML 1Page - Diodes Incorporated DMN3016LPS Datasheet HTML 2Page - Diodes Incorporated DMN3016LPS Datasheet HTML 3Page - Diodes Incorporated DMN3016LPS Datasheet HTML 4Page - Diodes Incorporated DMN3016LPS Datasheet HTML 5Page - Diodes Incorporated DMN3016LPS Datasheet HTML 6Page - Diodes Incorporated DMN3016LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN3016LPS
Document number: DS35646 Rev. 2 - 2
1 of 7
www.diodes.com
February 2015
© Diodes Incorporated
POWERDI is a registered trademark of Diodes Incorporated.
DMN3016LPS
30V N-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON) max
ID
TA = +25°C
30V
12m
 @ VGS = 10V
10.8A
16m
 @ VGS = 4.5V
9.5A
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
DC-DC Converters
Power Management Functions
Analog Switch
Features and Benefits
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
<1.1mm Package Profile
– Ideal for Thin Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI5060-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN3016LPS-13
POWERDI5060-8
2500 / Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
Internal Schematic
Top View
Pin Configuration
S
D
D
G
D
D
S
S
Pin1
POWERDI5060-8
D
S
G
N3016LP
S
S
S
G
D
D
D
D
YY WW
= Manufacturer
’s Marking
N3016LP = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 14 = 2014)
WW = Week Code (01 to 53)


Similar Part No. - DMN3016LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3016LPS DIODES-DMN3016LPS_15 Datasheet
400Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Rev 2
More results

Similar Description - DMN3016LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG3401LSN DIODES-DMG3401LSN Datasheet
192Kb / 6P
Low Input Capacitance
Rev 4
DMG4N60SCT DIODES-DMG4N60SCT Datasheet
326Kb / 6P
Low Input Capacitance
Rev 3
DMG6402LVT DIODES-DMG6402LVT Datasheet
220Kb / 6P
Low Input Capacitance
Rev 3
DMG9N65CTI DIODES-DMG9N65CTI Datasheet
438Kb / 5P
Low Input Capacitance
Rev 4
DMG9N65CT DIODES-DMG9N65CT Datasheet
233Kb / 6P
Low Input Capacitance
Rev 7
DMN3026LVT DIODES-DMN3026LVT Datasheet
295Kb / 6P
Low Input Capacitance
Rev 3
DMN6040SK3 DIODES-DMN6040SK3 Datasheet
248Kb / 6P
Low Input Capacitance
Rev 5
DMN6070SSD DIODES-DMN6070SSD Datasheet
240Kb / 6P
Low Input Capacitance
Rev 3
DMNH10H028SCT DIODES-DMNH10H028SCT Datasheet
401Kb / 7P
Low Input Capacitance
Rev 2
logo
Vishay Siliconix
SIHP22N60AE VISHAY-SIHP22N60AE Datasheet
134Kb / 7P
Low input capacitance
29-Aug-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com