Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN3016LPS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3016LPS
Description  Low Input Capacitance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3016LPS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3016LPS Datasheet HTML 1Page - Diodes Incorporated DMN3016LPS Datasheet HTML 2Page - Diodes Incorporated DMN3016LPS Datasheet HTML 3Page - Diodes Incorporated DMN3016LPS Datasheet HTML 4Page - Diodes Incorporated DMN3016LPS Datasheet HTML 5Page - Diodes Incorporated DMN3016LPS Datasheet HTML 6Page - Diodes Incorporated DMN3016LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN3016LPS
Document number: DS35646 Rev. 2 - 2
4 of 7
www.diodes.com
February 2015
© Diodes Incorporated
POWERDI is a registered trademark of Diodes Incorporated.
DMN3016LPS
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7 Gate Theshold Variation vs Junction
Temperature
I
D = 1mA
I
D = 250µA
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs Current
V
GS = 0V, TA = 25
oC
10
100
1000
10000
0
2
4
6
8
10
12
14
16
18
20
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 9 Typical Junction Capacitance
f=1MHz
C
iss
C
oss
C
rss
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
Qg (nC)
Figure 10 Gate Charge
V
DS = 15V, ID =12A
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 11 SOA, Safe Operation Area
T
J(Max)=150℃
T
A=25℃
V
GS=10V
Single Pulse
DUT on 1*MRP Board
R
DS(ON)
Limited
DC
P
W =10s
P
W =1s
P
W =100ms
P
W =10ms
P
W =1ms
P
W =100µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com