Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33889 Datasheet(PDF) 1 Page - Motorola, Inc

Part # PC33889
Description  System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33889 Datasheet(HTML) 1 Page - Motorola, Inc

  PC33889 Datasheet HTML 1Page - Motorola, Inc PC33889 Datasheet HTML 2Page - Motorola, Inc PC33889 Datasheet HTML 3Page - Motorola, Inc PC33889 Datasheet HTML 4Page - Motorola, Inc PC33889 Datasheet HTML 5Page - Motorola, Inc PC33889 Datasheet HTML 6Page - Motorola, Inc PC33889 Datasheet HTML 7Page - Motorola, Inc PC33889 Datasheet HTML 8Page - Motorola, Inc PC33889 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PC33889
PASS3
Product Preview
System Basis Chip Lite with Low
Speed Fault Tolerant CAN Interface
System Basis
Chip Lite
SILICON MONOLITHIC
INTEGRATED CIRCUIT
PIN CONNECTIONS
Simplified Block Diagram
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
SO-28
TA = -40 to 125°C
PC33889DW
Vdd1
RX
CANH
Vsup
Rtl
CANL
SCLK
TX
GND
GND
GND
GND
GND
INTB
1
2
3
5
4
6
7
8
10
28
19
20
21
22
23
24
25
26
27
Rth
L1
Reset
L0
CSB
GND
11
12
14
9
13
18
17
15
16
MISO
MOSI
GND
HS1
GND
V2ctrl
WDOGB
V2
DW SUFFIX
PLASTIC PACKAGE
CASE 751F
SO-28
Semiconductor Technical Data
MOTOROLA
Order this document by APD Marketing
Rev 5.6, 23th July 02
© Motorola, Inc., 2002. All rights reserved.
This document contains information on a product under development. Motorola reserves the right
to change or discontinue this product without notice.
Programmable
SPI Interface
Dual Voltage Regulator
Vsup monitor
Vdd1 Monitor
HS1 control
Mode control
Reset
Watchdog
wake-up input
CSB
SCLK
MOSI
Reset
INTB
V2CTRL
Vdd1
HS1
Oscillator
V2
WDOGB
Vsup
V2
Interrupt
Vbat
Q1
L0
L1
MISO
Rxd
Txd
Low Speed 125Kbit/s
Physical Interface
CAN L
CAN H
Rrth
Rth
Rtl
Rrtl
Fault Tolerant CAN
Gnd
5V/200mA
CAN
supply
5V
5V/200mA
Vsup
The MC33889 is a monolithic integrated circuit combining many functions
frequently used by automotive ECUs. It incorporates a low speed fault tolerant
CAN physical interface.
Main features:
• Vdd1: 5V Low drop voltage regulator, current limitation, over temperature
detection, monitoring and reset function. Total current capability 200mA.
• V2: Tracking function of Vdd1 regulator. Control circuitry for external bipolar
ballast transistor for high flexibility in choice of peripheral voltage and current
supply.
• Four operational modes: normal, stand-by, stop and sleep modes.
• Low stand-by current consumption in stop and sleep modes
• Built in Low speed 125KBaud fault tolerant CAN physical interface,
compatible with Motorola MC33388.
• External high voltage wake-up input, associated with HS1 Vbat switch
• 150mA output current capability for HS1 Vbat switch allowing drive of external
switches pull up resistors or relays
• Vsup monitoring and failure detection
• DC Operating voltage from 5 to 27V
• 40V maximum transient voltage
• Programmable software time out and window watchdog
• Separate outputs for Watchdog time out signal (WDOGB) and Reset (Reset).
• Wake up capabilities: wake up input, programmable cyclic sense, forced
wake up, CAN interface, SPI (CSB pin) and stop mode over current.
• Interface with MCU through 4 Mhz SPI.
• SO28WB package with thermal enhanced lead frame.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33889

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC33882EK FREESCALE-PC33882EK Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
PC33882R2 FREESCALE-PC33882R2 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
PC33887VW MOTOROLA-PC33887VW Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
PC33887VW/R2 MOTOROLA-PC33887VW/R2 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
PC33887VWR2 MOTOROLA-PC33887VWR2 Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - PC33889

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
Aug-2003
logo
NXP Semiconductors
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
Low speed CAN/LIN system basis chip
2004 Mar 22
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33889 FREESCALE-33889 Datasheet
2Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33389 FREESCALE-33389 Datasheet
1Mb / 49P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
System voltage regulator with fault tolerant low speed CAN transceiver
19-Sep-2013
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com