Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33889 Datasheet(PDF) 2 Page - Motorola, Inc

Part # PC33889
Description  System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33889 Datasheet(HTML) 2 Page - Motorola, Inc

  PC33889 Datasheet HTML 1Page - Motorola, Inc PC33889 Datasheet HTML 2Page - Motorola, Inc PC33889 Datasheet HTML 3Page - Motorola, Inc PC33889 Datasheet HTML 4Page - Motorola, Inc PC33889 Datasheet HTML 5Page - Motorola, Inc PC33889 Datasheet HTML 6Page - Motorola, Inc PC33889 Datasheet HTML 7Page - Motorola, Inc PC33889 Datasheet HTML 8Page - Motorola, Inc PC33889 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PC33889
2
PC33889
Note 1: gnd pins 6,7,8,9,20, 21, 22, 23.
Figure 1. Transient test pulse for L0 and L1 inputs
1
MAXIMUM RATINGS
Ratings
Symbol
Min
Typ
Max
Unit
ELECTRICAL RATINGS
Supply Voltage at Vsup
- Continuous voltage
- Transient voltage (Load dump)
Vsup
Vsup
-0.3
27
40
V
Logic Inputs (Rx, Tx, MOSI, MISO, CSB, SCLK, Reset,
WDOGB, INTB)
Vlog
- 0.3
Vdd1+0.3
V
Output current Vdd1
I
Internally limited
A
HS1
- voltage
- output current
V
I
-0.2
Internally limited
Vsup+0.3
V
A
ESD voltage (HBM 100pF, 1.5k)
- CANL, CANH, Rtl, Rth, HS1, L0, L1
- All other pins
Vesdh
-4
-2
4
2
kV
ESD voltage (Machine Model) All pins
Vesdm
-200
200
V
L0, L1
- DC Input voltage
- DC Input current
- Transient input current (according to ISO7637 specifi-
cation) and with external component tbd.
Vwu DC
-0.3
-2
tbd
40
2
tbd
V
mA
mA
CAN related pins: CANH, CANL, RTL, RTH, Tx, Rx
(refer to CAN section)
THERMAL RATINGS
Junction Temperature
Tj
- 40
+150
°C
Storage Temperature
Ts
- 55
+165
°C
Ambient Temperature (for info only)
Ta
- 40
+125
°C
Thermal resistance junction to gnd pin (note 1)
Rthj/p
20
°C/W
Lx
Transient Pulse
Gnd
Gnd
Generator
1nF
note: Waveform in accordance to ISO7637 part1, test pulses 1, 2, 3a and 3b.
(note)
10 k
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com