Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6229 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6229
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229 Datasheet(HTML) 1 Page - STMicroelectronics

  L6229 Datasheet HTML 1Page - STMicroelectronics L6229 Datasheet HTML 2Page - STMicroelectronics L6229 Datasheet HTML 3Page - STMicroelectronics L6229 Datasheet HTML 4Page - STMicroelectronics L6229 Datasheet HTML 5Page - STMicroelectronics L6229 Datasheet HTML 6Page - STMicroelectronics L6229 Datasheet HTML 7Page - STMicroelectronics L6229 Datasheet HTML 8Page - STMicroelectronics L6229 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
L6229
October 2004
1FEATURES
■ OPERATING SUPPLY VOLTAGE FROM 8 TO
52V
■ 2.8A OUTPUT PEAK CURRENT (1.4A DC)
■ RDS(ON) 0.73
Ω TYP. VALUE @ Tj = 25 °C
■ OPERATING FREQUENCY UP TO 100KHz
■ NON DISSIPATIVE OVERCURRENT
DETECTION AND PROTECTION
■ DIAGNOSTIC OUTPUT
■ CONSTANT tOFF PWM CURRENT
CONTROLLER
■ SLOW DECAY SYNCHR. RECTIFICATION
■ 60° & 120° HALL EFFECT DECODING LOGIC
■ BRAKE FUNCTION
■ TACHO OUTPUT FOR SPEED LOOP
■ CROSS CONDUCTION PROTECTION
■ THERMAL SHUTDOWN
■ UNDERVOLTAGE LOCKOUT
■ INTEGRATED FAST FREEWEELING DIODES
2
DESCRIPTION
The L6229 is a DMOS Fully Integrated Three-Phase
Motor Driver with Overcurrent Protection.
Realized in MultiPower-BCD technology, the device
combines isolated DMOS Power Transistors with
CMOS and bipolar circuits on the same chip.
The device includes all the circuitry needed to drive a
three-phase BLDC motor including: a three-phase
DMOS Bridge, a constant off time PWM Current Con-
troller and the decoding logic for single ended hall
sensors that generates the required sequence for the
power stage.
Available in PowerDIP24 (20+2+2), PowerSO36 and
SO24 (20+2+2) packages, the L6229 features a non-
dissipative overcurrent protection on the high side
Power MOSFETs and thermal shutdown.
DMOS DRIVER FOR
THREE-PHASE BRUSHLESS DC MOTOR
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L6229N
PowerDIP24
L6229PD
PowerSO36
L6229PDTR
PowerSO36 in Tape & Reel
L6229D
SO24
L6229DTR
SO24 in Tape & Reel
PowerDIP24
(20+2+2)
PowerSO36
SO24
(20+2+2)
Rev. 3


Similar Part No. - L6229

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6229Q STMICROELECTRONICS-L6229Q Datasheet
527Kb / 28P
DMOS driver for three-phase brushless DC motor
30-Aug-2010
L6229QTR STMICROELECTRONICS-L6229QTR Datasheet
527Kb / 28P
DMOS driver for three-phase brushless DC motor
30-Aug-2010
More results

Similar Description - L6229

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6235 STMICROELECTRONICS-L6235 Datasheet
434Kb / 25P
DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
REV BRAKE
logo
Hitachi Semiconductor
HA13536F HITACHI-HA13536F Datasheet
62Kb / 16P
Three-Phase Brushless DC Motor Driver IC
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
Three-Phase Brushless DC Motor Driver IC
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
STMicroelectronics
L6229Q STMICROELECTRONICS-L6229Q Datasheet
527Kb / 28P
DMOS driver for three-phase brushless DC motor
30-Aug-2010
L6230 STMICROELECTRONICS-L6230 Datasheet
583Kb / 24P
DMOS driver for three-phase brushless DC motor
07-Jun-2011
L6235PD013TR STMICROELECTRONICS-L6235PD013TR Datasheet
690Kb / 35P
DMOS driver for 3-phase brushless DC motor
03-Mar-2014
AN1625 STMICROELECTRONICS-AN1625 Datasheet
1Mb / 39P
L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
Oct-2003
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
The L6230 DMOS driver for three-phase brushless DC motor
29-Jan-2013
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
Three-Phase Brushless DC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com