Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2102 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 39Page - Texas Instruments TSC2102 Datasheet HTML 40Page - Texas Instruments TSC2102 Datasheet HTML 41Page - Texas Instruments TSC2102 Datasheet HTML 42Page - Texas Instruments TSC2102 Datasheet HTML 43Page - Texas Instruments TSC2102 Datasheet HTML 44Page - Texas Instruments TSC2102 Datasheet HTML 45Page - Texas Instruments TSC2102 Datasheet HTML 46Page - Texas Instruments TSC2102 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
43
CONVERSION TIME CALCULATIONS FOR THE TSC2102
Touch Screen Conversion Initiated At Touch Detect
The time needed to get a converted X/Y coordinate for reading can be calculated by (not including the time needed to send
the command over the SPI bus):
t
coordinate +
2
t
PRE )
t
SNS )
t
PVS
125 ns
t
OSC )
2
N
AVG
N
BITS )
1
8MHz
ƒconv
) n
1 )
12
) 1
t
OSC )
18
t
OSC )
n
2
t
OSC )
n
3
t
OSC
where:
tcoordinate = time to convert X/Y coordinate
tPVS = Panel voltage stabilization time
tPRE = precharge time
tSNS = sense time
NAVG = number of averages; for no averaging, NAVG = 1
NBITS = number of bits of resolution
ƒconv = A/D converter clock frequency
tOSC = Oscillator clock period
n1 = 6 ; if ƒconv = 8 MHz
7 ; if
ƒconv ≠ 8 MHz
n2 = 4 ; if tPVS = 0 µs
0 ; if tPVS ≠ 0 µs
n3 = 0 ; if tSNS = 32 µs
2 ; if tSNS ≠ 32 µs
NOTE: The above formula is exactly valid only when the audio DAC is powered down. Also, after touch detect, the formula holds true from second
conversion onwards. For continuous touch and D15−D14 = 00/10/11, the high duration of the PINTDAV signal is given by tPRE + tSNS with
an oscillator clock of 8 MHz.
Programmed
for Self
Controlled
X−Y Scan
Mode
Detecting Touch
Sample,Conversion &
Averaging for
Y−Coordinate
Reading
X−Data
Register
Reading
Y−Data
Register
Detecting
Touch
Sample,Conversion &
Averaging for
X−Coordinate
Detecting
Touch
Sample,Conversion &
Averaging for
Y−Coordinate
Detecting
Touch
SS DEACTIVATED
Touch Is Detected
(As PENIRQ
[D15−D14 = 00])
PINTDAV
(As PENIRQ & DATA_AVA
[D15−D14 = 10/11])
PINTDAV
Touch Is Detected
Touch Is Detected
(As DATA_AVA
[D15−D14 = 01])
PINTDAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com