Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2102 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2102
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2102 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSC2102 Datasheet HTML 23Page - Texas Instruments TSC2102 Datasheet HTML 24Page - Texas Instruments TSC2102 Datasheet HTML 25Page - Texas Instruments TSC2102 Datasheet HTML 26Page - Texas Instruments TSC2102 Datasheet HTML 27Page - Texas Instruments TSC2102 Datasheet HTML 28Page - Texas Instruments TSC2102 Datasheet HTML 29Page - Texas Instruments TSC2102 Datasheet HTML 30Page - Texas Instruments TSC2102 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
TSC2102
SLAS379A− APRIL 2003 − REVISED JUNE 2004
www.ti.com
27
KEYCLICK
A special circuit has also been included for inserting a square-wave signal into the analog output signal path based on
register control. This functionality is intended for generating keyclick sounds for user feedback. Register 04H/Page2
contains bits that control the amplitude, frequency, and duration of the square−wave signal. The frequency of the signal
can be varied from 62.5 Hz to 8 kHz and its duration can be programmed from 2 periods to 32 periods. Whenever this
register is written, the square wave is generated and coupled into the audio output, going to both the outputs. The keyclick
enable bit D15 of control register 04H/Page2 is reset after the duration of keyclick is played out. This capability is available
even when the DAC is powered down.
SPI DIGITAL INTERFACE
All TSC2102 control registers are programmed through a standard SPI bus. The SPI allows full-duplex, synchronous, serial
communication between a host processor (the master) and peripheral devices (slaves). The SPI master generates the
synchronizing clock and initiates transmissions. The SPI slave devices depend on a master to start and synchronize
transmissions.
A transmission begins when initiated by a master SPI. The byte from the master SPI begins shifting in on the slave SPIDIN
(MOSI) pin under the control of the master serial clock. As the byte shifts in on the SPIDIN pin, a byte shifts out on the
SPIDOUT (MISO) pin to the master shift register.
The idle state of the serial clock for the TSC2102 is low, which corresponds to a clock polarity setting of 0 (typical
microprocessor SPI control bit CPOL = 0). The TSC2102 interface is designed so that with a clock phase bit setting of 1
(typical microprocessor SPI control bit CPHA = 1), the master begins driving its MOSI pin and the slave begins driving its
SPIDOUT pin on the first serial clock edge. The SS pin can remain low between transmissions; however, the TSC2102
only interprets command words which are transmitted after the falling edge of SS.
TSC2102 COMMUNICATION PROTOCOL
Register Programming
The TSC2102 is entirely controlled by registers. Reading and writing these registers is controlled by an SPI master and
accomplished by the use of a 16-bit command, which is sent prior to the data for that register. The command is constructed
as shown in Figure 23.
The command word begins with a R/W bit, which specifies the direction of data flow on the SPI serial bus. The following
4 bits specify the page of memory this command is directed to, as shown in Table 2. The next six bits specify the register
address on that page of memory to which the data is directed. The last five bits are reserved for future use and should be
written only with zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com