Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16SVPF82M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 16SVPF82M
Description  Surface Mount Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

16SVPF82M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  16SVPF82M Datasheet HTML 1Page - Panasonic Semiconductor 16SVPF82M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Solid Capacitors
+
–
L
R
W
0.2 max.
Lot. No.
Polarity marking (−)
Series
R. Capacitance
R. Voltage
Surface Mount Type
Series : SVPF
● High voltage (50 V.DC max.)
● Large capacitance (1000 μF max.)
● 105 °C 5000 h
● RoHS compliance, Halogen free
Features
Size code
B6
C6
E7
E12
F12
Category temperature range
–55 °C to +105 °C
Rated voltage range
16 V.DC to 25 V.DC
16 V.DC to 50 V.DC
Rated capacitance range
27 μF to 82 μF
10 μF to 180 μF
18 μF to 270 μF
39 μF to 560 μF
68 μF to 1000 μF
Capacitance tolerance
±20 % (120 Hz / + 20 °C)
Leakage current
Please see the attached characteristics list
Dissipation factor (tan
d)
Please see the attached characteristics list
Endurance
+105 °C, 5000 h, rated voltage applied
Capacitance change
Within ±20 % of the initial value
tan d
< 150 % of the initial limit
DC leakage current Within the initial limit
Damp heat
(Steady State)
+60 °C, 90 % to 95 %, 1000 h, No-applied voltage
Capacitance change
Within ±20 % of the initial value
tan d
< 150 % of the initial limit
DC leakage current Within the initial limit (after voltage processing)
Marking
Unit : mm
Size
code fD±0.5
L
+0.1
W±0.2 H±0.2 C±0.2
R
P±0.2
B6
5.0
5.9
5.3
5.3
6.0
0.6 to 0.8
1.4
C6
6.3
5.9
6.6
6.6
7.3
0.6 to 0.8
2.1
E7
8.0
6.9
8.3
8.3
9.0
0.6 to 0.8
3.2
E12
8.0
11.9
8.3
8.3
9.0
0.8 to 1.1
3.2
F12
10.0
12.6
10.3
10.3
11.0 0.8 to 1.1
4.6
−0.4
Specifications
Dimensions (not to scale)
✽ Externals of figure are the reference.
Nov. 2015
01


Similar Part No. - 16SVPF82M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
16SVP100M SANYO-16SVP100M Datasheet
81Kb / 2P
4. SPECIFICATIONS FOR EACH SERIES
logo
Panasonic Semiconductor
16SVP100M PANASONIC-16SVP100M Datasheet
52Kb / 2P
Surface Mount Type
logo
Sanyo Semicon Device
16SVP150M SANYO-16SVP150M Datasheet
81Kb / 2P
4. SPECIFICATIONS FOR EACH SERIES
logo
Panasonic Semiconductor
16SVP150M PANASONIC-16SVP150M Datasheet
52Kb / 2P
Surface Mount Type
logo
Sanyo Semicon Device
16SVP15M SANYO-16SVP15M Datasheet
81Kb / 2P
4. SPECIFICATIONS FOR EACH SERIES
More results

Similar Description - 16SVPF82M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1NXX3MXSPQ SHARP-PQ1NXX3MXSPQ Datasheet
378Kb / 5P
Compact Surface Mount Type Compact Surface Mount Type
logo
Panasonic Semiconductor
EEE0GS220SR PANASONIC-EEE0GS220SR Datasheet
277Kb / 5P
Surface Mount Type
EEEHB0G470R PANASONIC-EEEHB0G470R Datasheet
162Kb / 3P
Surface Mount Type
EEVEB2C100Q PANASONIC-EEVEB2C100Q Datasheet
108Kb / 2P
Surface Mount Type
EEE-FK1E101P PANASONIC-EEE-FK1E101P Datasheet
105Kb / 4P
Surface Mount Type
EEE-1EA220WAR PANASONIC-EEE-1EA220WAR Datasheet
80Kb / 3P
Surface Mount Type
EEE-FK1E330UR PANASONIC-EEE-FK1E330UR Datasheet
105Kb / 4P
Surface Mount Type
2R5TPG220M PANASONIC-2R5TPG220M Datasheet
46Kb / 1P
Surface Mount Type
2R5TPU47MSI PANASONIC-2R5TPU47MSI Datasheet
47Kb / 1P
Surface Mount Type
4THB330ML PANASONIC-4THB330ML Datasheet
53Kb / 1P
Surface Mount Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com