Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16SVPF82M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 16SVPF82M
Description  Surface Mount Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

16SVPF82M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  16SVPF82M Datasheet HTML 1Page - Panasonic Semiconductor 16SVPF82M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Solid Capacitors
Series
Rated
voltage
(V.DC)
Rated
capacitance
(μF)
Case size (mm)
Size
code
Specifications
Standard (Reel size :
f380)
fD
L
Ripple ✽
1
current
(mAr.m.s.)
ESR ✽
2
(m
Ω max.)
tan
d
✽3
LC ✽
4
(μA)
Part number
Min.
Packaging Q'ty
(pcs)
SVPF
16
82
5.0
5.9
B6
3000
27
0.12
262
16SVPF82M
1500
180
6.3
5.9
C6
3300
22
0.12
576
16SVPF180M
1000
270
8.0
6.9
E7
3300
22
0.12
864
16SVPF270M
1000
560
8.0
11.9
E12
4950
14
0.12
1792
16SVPF560M
400
1000
10.0
12.6
F12
5400
12
0.12
3200
16SVPF1000M
400
20
56
5.0
5.9
B6
2800
30
0.12
224
20SVPF56MX
1500
120
6.3
5.9
C6
3200
25
0.12
480
20SVPF120M
1000
180
8.0
6.9
E7
3200
25
0.12
720
20SVPF180M
1000
390
8.0
11.9
E12
4950
14
0.12
1560
20SVPF390M
400
560
10.0
12.6
F12
5400
12
0.12
2240
20SVPF560M
400
25
27
5.0
5.9
B6
2450
40
0.12
135
25SVPF27MX
1500
47
6.3
5.9
C6
2800
30
0.12
235
25SVPF47M
1000
56
6.3
5.9
2800
30
0.12
280
25SVPF56M
1000
82
8.0
6.9
E7
3000
28
0.12
410
25SVPF82M
1000
100
8.0
6.9
3200
24
0.12
500
25SVPF100M
1000
180
8.0
11.9
E12
4650
16
0.12
900
25SVPF180M
400
330
10.0
12.6
F12
5000
14
0.12
1650
25SVPF330M
400
35
22
6.3
5.9
C6
2600
35
0.12
154
35SVPF22M
1000
39
8.0
6.9
E7
2800
30
0.12
273
35SVPF39M
1000
82
8.0
11.9
E12
4000
20
0.12
574
35SVPF82M
400
120
10.0
12.6
F12
4400
18
0.12
840
35SVPF120M
400
50
10
6.3
5.9
C6
2500
40
0.12
100
50SVPF10M
1000
18
8.0
6.9
E7
2700
35
0.12
180
50SVPF18M
1000
39
8.0
11.9
E12
3800
25
0.12
390
50SVPF39M
400
68
10.0
12.6
F12
4300
20
0.12
680
50SVPF68M
400
✽1 Ripple current (100 kHz/ +105 °C ), ✽2 ESR (100 kHz to 300 kHz/+20 °C) ✽3 tan d (120 Hz/+20 °C) ✽4 After 2 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
Frequency
120 Hz
< f < 1 kHz
1 kHz
< f < 10 kHz
10 kHz
< f < 100 kHz
100 kHz
< f < 500 kHz
Coefficient
0.05
0.3
0.7
1
Frequency correction factor for ripple current
Characteristics list
Nov. 2015
01



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com