Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR431ARM Datasheet(PDF) 7 Page - Analog Devices

Part # ADR431ARM
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR431ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR431ARM Datasheet HTML 3Page - Analog Devices ADR431ARM Datasheet HTML 4Page - Analog Devices ADR431ARM Datasheet HTML 5Page - Analog Devices ADR431ARM Datasheet HTML 6Page - Analog Devices ADR431ARM Datasheet HTML 7Page - Analog Devices ADR431ARM Datasheet HTML 8Page - Analog Devices ADR431ARM Datasheet HTML 9Page - Analog Devices ADR431ARM Datasheet HTML 10Page - Analog Devices ADR431ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. B | Page 7 of 24
ADR435 ELECTRICAL CHARACTERISTICS
VIN = 7 V to 18 V, ILOAD = 0 mA, TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
B Grade
VO
4.998
5.000
5.002
V
A Grade
VO
4.994
5.000
5.006
V
Initial Accuracy
B Grade
VOERR
2
mV
B Grade
VOERR
0.04
%
A Grade
VOERR
6
mV
A Grade
VOERR
0.12
%
Temperature Coefficient
TCVO
SOIC-8 (B Grade)
−40°C < TA < +125°C
1
3
ppm/°C
SOIC-8 (A Grade)
−40°C < TA < +125°C
2
10
ppm/°C
MSOP-8
−40°C < TA < +125°C
2
10
ppm/°C
Line Regulation
∆VO/∆VIN
VIN = 7 V to 18 V
−40°C < TA < +125°C
5
20
ppm/V
Load Regulation
∆VO/∆ILOAD
ILOAD = 0 mA to 10 mA, VIN = 8 V
−40°C < TA < +125°C
15
ppm/mA
ILOAD = −10 mA to 0 mA, VIN = 8 V
−40°C < TA < +125°C
15
ppm/mA
Quiescent Current
IIN
No load, −40°C < TA < +125°C
620
800
µA
Voltage Noise
eN p-p
0.1 Hz to 10 Hz
8
µV p-p
Voltage Noise Density
eN
1 kHz
115
nV/√Hz
Turn-On Settling Time
tR
CIN = 0
10
µs
Long-Term Stability1
∆VO
1,000 h
40
ppm
Output Voltage Hysteresis
VO_HYS
20
ppm
Ripple Rejection Ratio
RRR
fIN = 10 kHz
−70
dB
Short Circuit to GND
ISC
40
mA
Supply Voltage Operating Range
VIN
7
18
V
Supply Voltage Headroom
VIN − VO
2
V
1 The long-term stability specification is noncumulative. The drift in subsequent 1,000 hour periods is significantly lower than in the first 1,000 hour period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com